データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC898121XA-MH データシート(PDF) 4 Page - ON Semiconductor

部品番号 LC898121XA-MH
部品情報  Optical Image Stabilization / Controller & Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898121XA-MH データシート(HTML) 4 Page - ON Semiconductor

  LC898121XA-MH Datasheet HTML 1Page - ON Semiconductor LC898121XA-MH Datasheet HTML 2Page - ON Semiconductor LC898121XA-MH Datasheet HTML 3Page - ON Semiconductor LC898121XA-MH Datasheet HTML 4Page - ON Semiconductor LC898121XA-MH Datasheet HTML 5Page - ON Semiconductor LC898121XA-MH Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LC898121XA
www.onsemi.com
4
Pin Assignment
WLP40
Bottom View
E
D
C
B
A
8
OPINPX
OPINMY
ADVDD
ADVSS
HXI
7
OPINMX
OPINPY
ADVRH
ADVRL
HYI
6
HLXBO
HLYBO
DAOPVDD
DAOPVSS
I2CCK
5
DGSCLK
DGMOSI
GAD
MISO
I2CDT
4
DGMISO
DGSSB
MON
SSB
DVDD18
3
DVSS
CLKSEL
TSTCLK
TEST
DVDD30
2
VM
BUSY2
BUSY1
ZRESET
VM
1
OUT4
OUT3
PGND
OUT2
OUT1
Driver
Digital GND
AD 3V
Digital 3V VDD
VGA&DAC 3V
Logic Core 1.8V VDD (Output)


同様の部品番号 - LC898121XA-MH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122AXA-VH ONSEMI-LC898122AXA-VH Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA-VH ONSEMI-LC898122XA-VH Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
More results

同様の説明 - LC898121XA-MH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898124EP3XC ONSEMI-LC898124EP3XC Datasheet
160Kb / 9P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com