データシートサーチシステム |
|
STK672-432A-E データシート(PDF) 4 Page - ON Semiconductor |
|
STK672-432A-E データシート(HTML) 4 Page - ON Semiconductor |
4 / 21 page STK672-432A-E No.A1586-4/21 Derating Curve of Motor Current, IOH, vs. Operating Substrate Temperature, Tc Notes • The current range given above represents conditions when output voltage is not in the avalanche state. • If the output voltage is in the avalanche state, see the allowable avalanche energy for STK672-4** series hybrid ICs given in a separate document. • The operating substrate temperature, Tc, given above is measured while the motor is operating. Because Tc varies depending on the ambient temperature, Ta, the value of IOH, and the continuous or intermittent operation of IOH, always verify this value using an actual set. • The Tc temperature should be checked in the center of the metal surface of the product package. 3.0 0.5 0 080 20 40 60 100 70 10 30 50 90 110 ITF02592 2.0 2.5 1.5 1.0 IOH - Tc Operating Substrate Temperature, Tc- °C 200Hz 2 phase excitation Hold mode |
同様の部品番号 - STK672-432A-E |
|
同様の説明 - STK672-432A-E |