データシートサーチシステム |
|
1SV267 データシート(PDF) 1 Page - ON Semiconductor |
|
1SV267 データシート(HTML) 1 Page - ON Semiconductor |
1 / 6 page 91212 TKIM/52098HA (KT)/42294YH (KOTO) BX-0222 No.4514-1/6 http://onsemi.com Semiconductor Components Industries, LLC, 2013 September, 2013 1SV267 PIN Diode Dual series PIN Diode for VHF, UHF and AGC 50V, 50mA, rs=typ 2.5 Ω, CP Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. Features • Series connection of 2 elements in a very smallsized package facilitates high-density mounting and permits 1SV267-applied equipment to be made smaller • Small interterminal capacitance (C=0.23pF typ) • Small forward series resistance (rs=2.5 Ω typ) Specifications Absolute Maximum Ratings at Ta=25°C Parameter Symbol Conditions Ratings Unit Reverse Voltage VR 50 V Forward Current IF 50 mA Allowable Power Dissipation P 150 mW Junction Temperature Tj 125 °C Storage Temperature Tstg --55 to +125 °C Package Dimensions unit : mm (typ) 7013A-008 Ordering number : EN4514B Product & Package Information • Package : CP • JEITA, JEDEC : SC-59, TO-236, SOT-23, TO-236AB • Minimum Packing Quantity : 3,000 pcs./reel Packing Type: TB Marking Electrical Connection 1 : Anode 2 : Cathode 3 : Cathode / Anode CP 12 3 2.9 0.95 0.4 0.1 TB KV 1SV267-TB-E 3 12 |
同様の部品番号 - 1SV267 |
|
同様の説明 - 1SV267 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |