データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSF10N03Z データシート(PDF) 1 Page - ON Semiconductor

部品番号 MMSF10N03Z
部品情報  Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF10N03Z データシート(HTML) 1 Page - ON Semiconductor

  MMSF10N03Z Datasheet HTML 1Page - ON Semiconductor MMSF10N03Z Datasheet HTML 2Page - ON Semiconductor MMSF10N03Z Datasheet HTML 3Page - ON Semiconductor MMSF10N03Z Datasheet HTML 4Page - ON Semiconductor MMSF10N03Z Datasheet HTML 5Page - ON Semiconductor MMSF10N03Z Datasheet HTML 6Page - ON Semiconductor MMSF10N03Z Datasheet HTML 7Page - ON Semiconductor MMSF10N03Z Datasheet HTML 8Page - ON Semiconductor MMSF10N03Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Publication Order Number:
MMSF10N03Z/D
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
MMSF10N03Z
Preferred Device
Advance Information
Power MOSFET
10 Amps, 30 Volts
N−Channel SO−8
EZFETs
t are an advanced series of Power MOSFETs contain
monolithic back−to−back zener diodes. These zener diodes provide
protection against ESD and unexpected transients. These miniature
surface mount MOSFETs feature ultra low RDS(on) and true logic level
performance. They are capable of withstanding high energy in the
avalanche and commutation modes and the drain−to−source diode has
a very low reverse recovery time. EZFET devices are designed for use
in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc−dc converters, and
power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be
used for low voltage motor controls in mass storage products such as
disk drives and tape drives.
Zener Protected Gates Provide Electrostatic Discharge Protection
Designed to Withstand 200 V Machine Model and 2000 V Human
Body Model
Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
Logic Level Gate Drive − Can Be Driven by Logic ICs
Miniature SO−8 Surface Mount Package − Saves Board Space
Diode Is Characterized for Use In Bridge Circuits
Diode Exhibits High Speed, With Soft Recovery
IDSS Specified at Elevated Temperature
Mounting Information for SO−8 Package Provided
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
1
8
10 AMPERES
30 VOLTS
RDS(on) = 13 mW
D
S
G
Device
Package
Shipping
ORDERING INFORMATION
MMSF10N03ZR2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 12
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
10N03Z
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


同様の部品番号 - MMSF10N03Z

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
More results

同様の説明 - MMSF10N03Z

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com