データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMSF10N03Z データシート(PDF) 4 Page - ON Semiconductor

部品番号 MMSF10N03Z
部品情報  Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF10N03Z データシート(HTML) 4 Page - ON Semiconductor

  MMSF10N03Z Datasheet HTML 1Page - ON Semiconductor MMSF10N03Z Datasheet HTML 2Page - ON Semiconductor MMSF10N03Z Datasheet HTML 3Page - ON Semiconductor MMSF10N03Z Datasheet HTML 4Page - ON Semiconductor MMSF10N03Z Datasheet HTML 5Page - ON Semiconductor MMSF10N03Z Datasheet HTML 6Page - ON Semiconductor MMSF10N03Z Datasheet HTML 7Page - ON Semiconductor MMSF10N03Z Datasheet HTML 8Page - ON Semiconductor MMSF10N03Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MMSF10N03Z
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
0
8.0
16
20
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
0
0.5
1.0
0
10
15
20
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
2.0
4.0
10
0
0.04
0.06
0
5.0
10
15
20
0.020
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus
Drain Current
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
1.5
2.0
0
4.0
20
1.0
100
10,000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = 100°C
25
°C
−55
°C
TJ = 25°C
VGS = 0 V
VGS = 10 V
1.5
2.0
2.5
6.0
8.0
4.5 V
−50
−25
0
25
50
75
100
125
150
TJ = 125°C
1.0
10
8.0
25
°C
100
°C
0
0.5
1.0
1.5
2.0
4.0
10 V
VGS = 2.7 V
3.1 V
4.5 V
TJ = 25°C
12
5.0
0.03
0.01
0.05
0.005
0.010
0.015
0
0.5
0
0.01
12
1000
16
VGS = 10 V
ID = 5.0 A
ID = 10 A
TJ = 25°C
0.02
1.9 V
2.5 V
2.3 V
2.1 V
3.0
0.1


同様の部品番号 - MMSF10N03Z

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
More results

同様の説明 - MMSF10N03Z

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com