データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431SKA3 データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 TL431SKA3
部品情報  Adjustable Precision Shunt Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431SKA3 データシート(HTML) 3 Page - Cystech Electonics Corp.

  TL431SKA3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 6Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 7Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 8Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C111A3
Issued Date : 2015.09.18
Revised Date :
Page No. : 3/ 9
TL431SKA3
CYStek Product Specification
Electrical Characteristics ( Ta=25°C unless otherwise specified )
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
Test
Circuit
A-rank
2.480 2.495 2.510
B-rank
2.470 2.495 2.520
Reference Input Voltage
C-rank
VREF
VKA=VREF, IK=10mA
2.445 2.495 2.545
V
1
Deviation of Reference Input Voltage
Over Full Temperature Range
VREF(dev)
VKA=VREF, IK=10mA
0
≤Ta≤125 °C
-
8
17
mV
1
IK=10mA,
ΔVKA=10V to VREF
-
-1.0
-2.7
mV/V
2
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
ΔVREF /
ΔVKA
IK=10mA,
ΔKKA=36V to 10V
-
-0.4
-2.0
mV/V
2
Reference Input Current
IREF
IK=10mA, R1=10kΩ,
R2=∞
-
0.5
1.2
μA
2
Deviation of Reference Input Current
Over Full Temperature Range
IREF(dev)
IK=10mA, R1=10kΩ,
R2=∞, Ta=Full Range
-
0.4
1.2
uA
2
Minimum Cathode Current for
Regulation
IK(min)
VKA=VREF
-
0.04
0.3
mA
1
Off-State Cathode Current
IK(off)
VKA=36V, VREF=0V
-
0.01
0.8
μA
3
Dynamic impedance
ZKA
VKA=VREF, f≤1.0KHz
IK=0.2 to 100mA
-
0.1
0.37
Ω
1


同様の部品番号 - TL431SKA3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
TL431SKN3 CYSTEKEC-TL431SKN3 Datasheet
451Kb / 9P
   Adjustable Precision Shunt Regulators
More results

同様の説明 - TL431SKA3

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com