データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

MMBD6050WS-AU データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号. MMBD6050WS-AU
部品情報  SURFACE MOUNT SWITCHING DIODES
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo 

MMBD6050WS-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
MMBD6050WS-AU
October 9,2013
Document Number : 130823
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
80 Volts
200mWatts
FEATURES
• Very fast reverse recovery ( trr < 2.0 ns typical )
• Low capacitance ( < 2.5pF @ 0V )
• Surface mount package ideally suited for automatic insertion.
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : SOD-323 plastic
Terminals : Solderable per MIL-STD-750,Method 2026
Approx weight : 0.00014 ounces, 0.0041 grams
Polarity : Color band cathode
Marking : T2
POWER
ABSOLUTE RATINGS
NOTE:
1. FR-4 Board=70 x 60 x 1mm.
THERMAL CHARACTERISTICS
1
2
Cathode
Anode
PARAMETER
SYMBOL
VALUE
UNITS
Maximum Reverse Voltage
VR
80
V
Peak Reverse Voltage
VRRM
80
V
Continuous Forward Current
I F
0.2
A
Non-repetitive Peak Forward Surge Current at t=1
s
I FSM
4
A
PARAMETER
SYMBOL
VALUE
UNITS
Power Dissipation (1)
PTOT
200
mW
Thermal Resistance, Junction to Ambient (1)
RJA
625
OC/W
Junction Temperature
TJ
-55 to 150
OC
Storage Temperature
TSTG
-55 to 150
OC
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Html ページ

1  2  3  4  5  6 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn