データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3417 データシート(PDF) 2 Page - AUK corp

部品番号 SM3417
部品情報  LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUK [AUK corp]
ホームページ  https:www.auk.co.kr
Logo AUK - AUK corp

SM3417 データシート(HTML) 2 Page - AUK corp

  SM3417 Datasheet HTML 1Page - AUK corp SM3417 Datasheet HTML 2Page - AUK corp SM3417 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLM-9022-001
2
SM3417 / SM3417(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
85
mW
Forward Current
IF
30
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-30∼85
Storage Temperature
Tstg
-40∼100
*2Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/10, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 20mA
-
2.2
2.8
V
*3Luminous Intensity
IV
IF= 20mA
43
136
230
mcd
Peak Wavelength
λP
IF= 20mA
-
570
-
nm
Spectrum Bandwidth
Δ λ
IF= 20mA
-
30
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*4Half angle
θ1/2
IF= 20mA
-
±22
-
deg
*3. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
*3. Luminous Intensity classification
JK
L
M
43~68
68~100
100~155
155~230
*4.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


同様の部品番号 - SM3417

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
SM3417 KODENSHI-SM3417 Datasheet
265Kb / 4P
   LAMP LED
logo
AUK corp
SM3417-L AUK-SM3417-L Datasheet
187Kb / 4P
   LED Lamp
logo
KODENSHI_AUK CORP.
SM3417-L KODENSHI-SM3417-L Datasheet
299Kb / 4P
   LAMP LED
logo
AUK corp
SM3417-LB AUK-SM3417-LB Datasheet
187Kb / 4P
   LED Lamp
logo
Sinopower Semiconductor...
SM3417NHQA SINOPWER-SM3417NHQA Datasheet
254Kb / 11P
   N-Channel Enhancement Mode MOSFET
More results

同様の説明 - SM3417

メーカー部品番号データシート部品情報
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com