データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1301180024 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1301180024
部品情報  Box Track, Festoon End Clamp - 5412
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301180024 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1301180024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301180024
Status:
Active
Overview:
Aero-Motive® Box-Track Festoon Systems
Description:
Box Track, Festoon End Clamp - 5412
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Festoons
Series
130118
Cable Height - Maximum
11.43mm (.450")
Cable Width - Maximum
59.00mm (2.320")
Component Type
End Clamp
Depth
89.92mm (3.540")
Duty
Heavy
Height
144.78mm (5.700")
Length
194.82mm (7.670")
Overview
Aero-Motive® Box-Track Festoon Systems
Product Name
Aero-Motive®
Type
Box Track
UPC
78678863197
Woodhead
Yes
Physical
Material - Coating
Zinc
Material - Metal
Galvanized Steel
Material - Wheel
Steel - Sealed Ball Bearing
Net Weight
298.870/g
Packaging Type
Individual Carton
Saddle Radius
100.08mm (3.940")
Thread Size
N/A
Wire/Cable Type
Flat
Material Info
Old Part Number
54122
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Relevant
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130118 Series
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1301180024

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301180020 MOLEX11-1301180020 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5410
1301180020 MOLEX-1301180020 Datasheet
27Kb / 1P
   Box Track, Festoon Intermediate Car - 5410
07/29/2021
1301180021 MOLEX11-1301180021 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp
1301180023 MOLEX11-1301180023 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5412
1301180026 MOLEX11-1301180026 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5414
More results

同様の説明 - 1301180024

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301180021 MOLEX11-1301180021 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp
1301180029 MOLEX11-1301180029 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp
1301180023 MOLEX11-1301180023 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5412
1301170067 MOLEX11-1301170067 Datasheet
32Kb / 1P
   Standard Box Track System, Festoon End Clamp, 79.50mm
1301180010 MOLEX11-1301180010 Datasheet
28Kb / 1P
   Box Track, Festoon End Cap
1301160017 MOLEX11-1301160017 Datasheet
31Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon End Clamp, 6.86mm
1301160020 MOLEX11-1301160020 Datasheet
30Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon End Clamp, 10.92mm
1301160026 MOLEX11-1301160026 Datasheet
28Kb / 1P
   Economy Box Track Flat Cable, Festoon End Stop
1301180015 MOLEX11-1301180015 Datasheet
31Kb / 1P
   Box Track, Festoon Joint Hanger
1301180014 MOLEX11-1301180014 Datasheet
34Kb / 1P
   Box Track, Festoon Joint Bracket
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com