データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-1U40ES データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SS-1U40ES
部品情報  The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U40ES データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-1U40ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3. Add 0.1uF/10uF capacitor at output connector terminals for ripple and noise
measurements.
4.The combined total power from 5V & 3.3V shall not exceed 160W.
1.6. PS-ON
Remote On/Off Control:
When PS-ON is pulled to TTL Low, the DC output is to be enabled.
When PS-OFF is pulled to TTL high, the DC output is to be disabled.
1.7. PW-OK
PW-OK is power good signal and should be asserted high by the power
supply to indicate that +5VDC and +3.3VDC output are above the under
voltage thresholds of the power supply TTL. compatible signal out with
100ms to 500ms.
Timing of PS-ON, PW-OK, and Germane Voltage Rails
Although there is no requirement to meet specific timing parameters,
The following signal timings are recommended:
2ms≦T2≦200ms
100ms≦T3≦500ms
T4>1ms
T5≦10ms
1.8 Efficiency: TYPICAL >86% AT 115VAC , FULL LOAD.
1.9 Hold-Up Time: 16ms at maximum load & normal input voltage.


同様の部品番号 - SS-1U40ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
More results

同様の説明 - SS-1U40ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
   50/60 Hz Power Transformers
logo
Laird Tech Smart Techno...
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
   50/60 Hz Current Sensor
logo
RENCO ELECTRONICS, INC.
RL-2250 RENCO-RL-2250 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS ALL/TRAN?
RLD-2240 RENCO-RLD-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS DUAL/TRAN?
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L_15 Datasheet
325Kb / 1P
   50/60 Hz Current Sense Transformer
logo
RENCO ELECTRONICS, INC.
RL-2230 RENCO-RL-2230 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS FLAT/TRAN?
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com