データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-1U40ES データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SS-1U40ES
部品情報  The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U40ES データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-1U40ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. PROTECTIONS
2.1. OVER-VOLTAGE PROTECTION
OUTPUT
Min
Max
+3.3V
3.7V
4.1V
+5V
5.7V
6.5V
+12V
13.1V
14.5V
2.2. SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
2.3. OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 110﹪to 160﹪
of full load and require a power on cycle be performed by the operate
2.4 NO LOAD OPERATION
No parts shall be damaged on the power supply.
3. ENVIRONMENT TEMPERATURE
3.1. Operation Temperature: 0℃ to 45℃
3.2. Cooling: ONE 40mm DC FANS.
3.3. Storage Temperature:-20℃ to 70℃
3.4. Humidity: 5 to 90﹪non-condensing.
4. Mean Time Between Failure(MTBF)
Using MIL - HDBK -217F the calculated MTBF=100,000 hours at 25℃ 75% loading.
5. SAFETY:
UL 60950-1, 2
ND Edition, CSA C 22.2 No. 60950-1-07, 2nd Edition, 2007-03
TUV EN60950-1: 2006+A11+A1+A12
CB IEC60950-1: 2005
BSMI CNS14336-1, CNS13438
6. EMI NOISE FILTER:
EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003
EN61000-3-2: 2006+A2:2009 EN61000-.3-3: 2008, IEC61000-4-2,-3,-4,-5,-6,-8,-11


同様の部品番号 - SS-1U40ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
More results

同様の説明 - SS-1U40ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
   50/60 Hz Power Transformers
logo
Laird Tech Smart Techno...
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
   50/60 Hz Current Sensor
logo
RENCO ELECTRONICS, INC.
RL-2250 RENCO-RL-2250 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS ALL/TRAN?
RLD-2240 RENCO-RLD-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS DUAL/TRAN?
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L_15 Datasheet
325Kb / 1P
   50/60 Hz Current Sense Transformer
logo
RENCO ELECTRONICS, INC.
RL-2230 RENCO-RL-2230 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS FLAT/TRAN?
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com