データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-1U40ES データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SS-1U40ES
部品情報  The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U40ES データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-1U40ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U40ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Model Name: SS-1U40ES
(400W power supply for 1U Single Efficiency≧86%)
1. Specification
1.1.AC Input Voltage Range: 100VAC ~ 240VAC,
10%, 47 to 63 Hz.
1.2.INPUT CURRENT:8.0 A ( RMS ) FOR 115VAC /4.0 A ( RMS ) FOR 230VAC.
1.3. Input Power Factor: The minimum power factor at full load shall be
0.98/115V 60 Hz and 0.95/230V 50 Hz.
1.4. Inrush current: 35A MAX. FOR 115 VAC / 55A MAX. FOR 230 VAC.
1.5.DC Output: 400W maximum.
Output-1 Output-2
Output-3
Output-4
Output-5
Output Voltage
+5V DC +12V DC
-12V DC +3.3V DC
+5VSB
Output Current (Max.)
25A
32A
0.8A
25A
3.5A
Output Current (Min.)
0.5A
2A
0A
0.5A
0.1A
Ripple/Noise Max.(P-P):
60mV
120mV
120mV
60mV
60mV
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Load Regulation:
±5﹪
±5﹪
±5﹪
±5﹪
±5﹪
Note:
1. Noise Test
– Noise bandwidth is from DC to 20 MHz.
2. Ripple frequencies greater than 1MHz shall be attenuated by the measurement
System.


同様の部品番号 - SS-1U40ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
More results

同様の説明 - SS-1U40ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
   50/60 Hz Power Transformers
logo
Laird Tech Smart Techno...
WL-1500 LSTD-WL-1500 Datasheet
1Mb / 9P
   Input power must be rated for 230 VAC at 50 or 60 Hz
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
   50/60 Hz Current Sensor
logo
RENCO ELECTRONICS, INC.
RL-2250 RENCO-RL-2250 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS ALL/TRAN?
RLD-2240 RENCO-RLD-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS DUAL/TRAN?
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L_15 Datasheet
325Kb / 1P
   50/60 Hz Current Sense Transformer
logo
RENCO ELECTRONICS, INC.
RL-2230 RENCO-RL-2230 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS FLAT/TRAN?
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com