データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-1U46ES データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 SS-1U46ES
部品情報  460W power supply for 1U Single Efficiency??6%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U46ES データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  SS-1U46ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U46ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4
3
1
2
Pin
No.
Pin
No.
150mm/18AWG
4
3
1
2
PA
PB
Yellow / Yellow
150mm/18AWG
150mm/18AWG
4
3
2
1
PD
4
3
2
1
PE
L=450mm±20mm
L=150mm±10mm
WIRE
COLOR
WIRE
COLOR
L=150mm±10mm
L=150mm ±10mm
22AWG 1007
L=450mm±20mm
L=150mm±10mm
L=150mm±10mm
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
150mm/18AWG
4
3
1
2
PC
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
4
3
1
2
Pin
No.
Pin
No.
150mm/18AWG
4
3
1
2
PD
PE
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
PF
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/22AWG
4
3
1
2
PG
150mm/22AWG
150mm/22AWG
150mm/22AWG
150mm/18AWG
PA
PB
PC
PF
PG
4
3
2
1
Connector Housing: H.D.D. for easy plug
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
L=450mm±20mm
L=150mm±10mm
PH
PI
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
Connector Housing: H.D.D. for easy plug
Yellow / Yellow
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
Yellow / Yellow
Black / Black
Black / Black
Red / Red
PH
PI
Pin
No.
Housing
WIRE
COLOR
HOUSING: MOLEX 675820000 or equivalent
TERMINAL: MOLEX 675810000 or equivalent
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
450mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
1
2
3
4
5
1
2
3
4
5
Red / Red
Yellow / Yellow
Orange
Black / Black
Black
Red
Orange / Orange
Black / Black
Black
Yellow
LENGTH
Housing
Housing
LENGTH
LENGTH
LENGTH
LENGTH
Note: Specification and wiring diagram subject to change without notice.
Dec. 25, 2012


同様の部品番号 - SS-1U46ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U40ES ETC2-SS-1U40ES Datasheet
224Kb / 6P
   The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
More results

同様の説明 - SS-1U46ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1D-460D1 ETC2-M1D-460D1 Datasheet
292Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-460B1 ETC2-M1C-460B1 Datasheet
235Kb / 11P
   460W Power Supply for 1U Easy Swap
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
SS-1U60EL ETC2-SS-1U60EL Datasheet
214Kb / 6P
   600W power supply for 1U Single Efficiency:87.71%
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
M1C-460A1 ETC2-M1C-460A1 Datasheet
237Kb / 11P
   460W Power Supply for Easy Swap
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
EFRP-2462 ETC2-EFRP-2462 Datasheet
498Kb / 2P
   PS2 Mini Redundant 460W Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com