データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-1U60EL データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SS-1U60EL
部品情報  600W power supply for 1U Single Efficiency:87.71%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U60EL データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SS-1U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3. Add 0.1uF/10uF capacitor at output connector terminals for ripple and noise
measurements.
4. The combined total power from 5V & 3.3V shall not exceed 180W.
1.6. PS-ON
Remote On/Off Control:
When PS-ON is pulled to TTL Low, the DC output is to be enabled.
When PS-OFF is pulled to TTL high, the DC output is to be disabled.
1.7. PW-OK
PW-OK is power good signal and should be asserted high by the power
supply to indicate that +5VDC and +3.3VDC output are above the under
voltage thresholds of the power supply TTL. compatible signal out with
100ms to 500ms.
Timing of PS-ON, PW-OK, and Germane Voltage Rails
Although there is no requirement to meet specific timing parameters,
The following signal timings are recommended:
2ms
T2
200
ms
100ms
T3
500ms
T4>1ms
T5
10ms
1.8. Efficiency: TYPICAL >87.71% AT 115VAC , FULL LOAD.
1.9. Hold-Up Time: 16ms at maximum load & normal input voltage.


同様の部品番号 - SS-1U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U40ES ETC2-SS-1U40ES Datasheet
224Kb / 6P
   The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
More results

同様の説明 - SS-1U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M1D-600D1 ETC2-M1D-600D1 Datasheet
274Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600A1 ETC2-M1C-600A1 Datasheet
236Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com