データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-1U60EL データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SS-1U60EL
部品情報  600W power supply for 1U Single Efficiency:87.71%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-1U60EL データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SS-1U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-1U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7. DIMENSION
L 225 x W 100 x H 40.5 mm
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
± .1
± .05
± .025
.X=
.XX=
.XXX=
TOLEANCES:
JACKY
SURE STAR
COMPUTER
SS-1U60EL
2009,12,16
SPPC T1.0 鍍鎳
SS-1U60EL
(X2)
#6-32(X2)
8. PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 6 ,
Floppy x 1.
SATA x2


同様の部品番号 - SS-1U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U40ES ETC2-SS-1U40ES Datasheet
224Kb / 6P
   The minimum power factor at full load shall be 0.98/115V 60 Hz and 0.95/230V 50 Hz.
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
More results

同様の説明 - SS-1U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M1D-600D1 ETC2-M1D-600D1 Datasheet
274Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600A1 ETC2-M1C-600A1 Datasheet
236Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
SS-1U52ES ETC2-SS-1U52ES Datasheet
213Kb / 6P
   520W power supply for 1U Single Efficiency:87.29%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com