データシートサーチシステム |
|
SS-2U40ES データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
SS-2U40ES データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 6 page ③ 2. PROTECTIONS 2.1 OVER-VOLTAGE PROTECTION OUTPUT Min Max +3.3V 3.7V 4.1V +5V 5.7V 6.5V +12V 13.1V 14.5V 2.2 SHORT CIRCUIT PROTECTION A short circuit placed between the DC Return and the output shall cause No damage and the power supply shall shutdown. 2.3 OVER POWER PROTECTION The power supply shall shut down when output power exceeds 110﹪to 160﹪ of full load and require a power on cycle be performed by the operate 2.4 NO LOAD OPERATION No parts shall be damaged on the power supply. 3. ENVIRONMENT TEMPERATURE 3.1 Operation Temperature: 0℃ to 45℃ 3.2 Cooling: ONE 60mm DC FANS. 3.3 Storage Temperature:-20℃ to 70℃ 3.4 Humidity: 5 to 90﹪non-condensing. 4. Mean Time Between Failure(MTBF) Using MIL - HDBK -217F the calculated MTBF=100,000 hours at 25 75% loading. ℃ 5. SAFETY: UL 60950-1, 2 ND Edition, CSA C 22.2 No. 60950-1-07, 2nd Edition, 2007-03 TUV EN60950-1: 2006+A11+A1+A12 CB IEC60950-1: 2005 BSMI CNS14336-1, CNS13438 6. EMI NOISE FILTER: EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003 EN61000-3-2: 2006+A2:2009 EN61000-.3-3: 2008, IEC61000-4-2,-3,-4,-5,-6,-8,-11 |
同様の部品番号 - SS-2U40ES |
|
同様の説明 - SS-2U40ES |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |