データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U50ES データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SS-2U50ES
部品情報  500W power supply for 2U Single Efficiency:87.25%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U50ES データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-2U50ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. PROTECTIONS
2.1 OVER-VOLTAGE PROTECTION
OUTPUT
Min
Max
+3.3V
3.7V
4.1V
+5V
5.7V
6.5V
+12V
13.1V
14.5V
2.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
2.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 110﹪to 160﹪
of full load and require a power on cycle be performed by the operate.
2.4 NO LOAD OPERATION
No parts shall be damaged on the power supply.
3. ENVIRONMENT TEMPERATURE
3.1 Operation Temperature: 0℃ to 45℃
3.2 Cooling: ONE 60mm DC FANS.
3.3 Storage Temperature:-20℃ to 70℃
3.4 Humidity: 5 to 90﹪non-condensing.
4. Mean Time Between Failure(MTBF)
Using MIL - HDBK -217F the calculated MTBF=100,000 hours at 25
75% loading.
5. SAFETY:
UL 60950-1, 2
ND Edition, CSA C 22.2 No. 60950-1-07, 2nd Edition, 2007-03
TUV EN60950-1: 2006+A11+A1+A12
CB IEC60950-1: 2005
BSMI CNS14336-1, CNS13438
6. EMI NOISE FILTER:
EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003
EN61000-3-2: 2006+A2:2009 EN61000-.3-3: 2008, IEC61000-4-2,-3,-4,-5,-6,-8,-11


同様の部品番号 - SS-2U50ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

同様の説明 - SS-2U50ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
logo
Tumbler Technologies + ...
TIPC500P TRUMPOWER-TIPC500P Datasheet
270Kb / 1P
   500W High Efficiency PS/2 ATX IPC Power Supply
logo
Advantech Co., Ltd.
96PS-A400W2U ADVANTECH-96PS-A400W2U Datasheet
335Kb / 2P
   2U Power Supply
30-July-2014
96PS-A300W2U ADVANTECH-96PS-A300W2U Datasheet
300Kb / 2P
   2U Power Supply
29-July-2014
logo
List of Unclassifed Man...
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
M1C-500A1 ETC2-M1C-500A1 Datasheet
255Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com