データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U50ES データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SS-2U50ES
部品情報  500W power supply for 2U Single Efficiency:87.25%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U50ES データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-2U50ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Model Name:SS-2U50ES
(
500W power supply for 2U Single Efficiency:87.25%)
1. Specification
1.1.AC Input Voltage Range: 100VAC ~ 240VAC,
±10%, 47 to 63 Hz.
1.2.INPUT CURRENT:8.0 A ( RMS ) FOR 115VAC /4.0 A ( RMS ) FOR 230VAC.
1.3. Input Power Factor: The minimum power factor at full load shall be
0.98/115V 60 Hz and 0.95/230V 50 Hz.
1.4. Inrush current: 35A MAX. FOR 115 VAC / 55A MAX. FOR 230 VAC.
1.5.DC Output: 500W maximum.
Output-1 Output-2
Output-3
Output-4
Output-5
Output Voltage
+5V DC +12V DC
-12V DC +3.3V DC
+5VSB
Output Current(Max)
25A
40A
0.8A
25A
3.5A
Output Current(Min.)
0.5A
2A
0A
0.5A
0.1A
Ripple/Noise Max.(P-P):
60mv
120mv
120mv
60mV
60mV
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Load Regulation:
±5﹪
±5﹪
±5﹪
±5﹪
±5﹪
Note:
1. Noise Test – Noise bandwidth is from DC to 20 MHz.
2. Ripple frequencies greater than 1MHz shall be attenuated by the measurement
System.


同様の部品番号 - SS-2U50ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

同様の説明 - SS-2U50ES

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
logo
Tumbler Technologies + ...
TIPC500P TRUMPOWER-TIPC500P Datasheet
270Kb / 1P
   500W High Efficiency PS/2 ATX IPC Power Supply
logo
Advantech Co., Ltd.
96PS-A400W2U ADVANTECH-96PS-A400W2U Datasheet
335Kb / 2P
   2U Power Supply
30-July-2014
96PS-A300W2U ADVANTECH-96PS-A300W2U Datasheet
300Kb / 2P
   2U Power Supply
29-July-2014
logo
List of Unclassifed Man...
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
M1C-500A1 ETC2-M1C-500A1 Datasheet
255Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com