データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U60EL データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SS-2U60EL
部品情報  600W power supply for 2U Single Efficiency:87.45%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U60EL データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-2U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. PROTECTIONS
2.1 OVER-VOLTAGE PROTECTION
OUTPUT
Min
Max
+3.3V
3.7V
4.1V
+5V
5.7V
6.5V
+12V
13.1V
14.5V
2.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
2.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 110﹪to 160﹪
of full load and require a power on cycle be performed by the operate
3. ENVIRONMENT TEMPERATURE
3.1 Operation Temperature: 0℃ to 45℃
3.2 Cooling: ONE 60mm DC FANS.
3.3 Storage Temperature:-20℃ to 70℃
3.4 Humidity: 5 to 90﹪non-condensing.
4. Mean Time Between Failure(MTBF)
Using MIL - HDBK -217F the calculated MTBF=100,000 hours at 25
75% loading.
5. SAFETY:
UL 60950-1, 2
ND Edition, CSA C 22.2 No. 60950-1-07, 2nd Edition, 2007-03
TUV EN60950-1: 2006+A11+A1+A12
CB IEC60950-1: 2005
BSMI CNS14336-1, CNS13438
CCC 4943.1-2011
6. EMI NOISE FILTER:
EN55022:2006+A1:2007, EN55024:1998+A1:2001+A2:2003
EN61000-3-2: 2006+A2:2009 EN61000-.3-3: 2008, IEC61000-4-2,-3,-4,-5,-6,-8,-11


同様の部品番号 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

同様の説明 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U60EL ETC2-SS-1U60EL Datasheet
214Kb / 6P
   600W power supply for 1U Single Efficiency:87.71%
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com