データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U60EL データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 SS-2U60EL
部品情報  600W power supply for 2U Single Efficiency:87.45%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U60EL データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  SS-2U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Below cable length start from Outer cage:
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
ORANGE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
GRAY(PG)
PURPLE(+5VSB)
NC
BLUE(-12V)
YELLOW(+12V)
GREEN(PS-ON)
WIRE
COLOR
BLACK(GND)
420mm/18AWG
420mm/22AWG
420mm/18AWG
420mm/20AWG
420mm/20AWG
420mm/18AWG
LENGTH
LENGTH
Housing
420mm/18AWG
420mm/18AWG
ORANGE(+3.3V)
ORANGE(+3.3V)
ORANGE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
ORANGE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
L=420mm±20mm
PIN13
PIN1
PIN12
PIN24
P24
Connector HOUSING: MOLEX 39-01-0240 or equivalent
L=440mm±20mm
L=150mm±10mm
Pin5
Pin1
Pin4
Pin8
PIN3
PIN1
PIN2
PIN4
PA
PB
8Pins(EPS12V)X1
Pin
1
2
3
4
2
1
Housing
PA
PB
440mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
LENGTH
150mm/18AWG
150mm/18AWG
Pin
5
6
7
8
LENGTH
Black/Black
4
3
WIRE
COLOR
WIRE
COLOR
Black/Black
Black
Black
Black
Black
Yellow/Yellow
Yellow/Yellow
Yellow
Yellow
Yellow
Yellow
440mm/18AWG
150mm/18AWG
150mm/18AWG


同様の部品番号 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

同様の説明 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U60EL ETC2-SS-1U60EL Datasheet
214Kb / 6P
   600W power supply for 1U Single Efficiency:87.71%
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com