データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U60EL データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 SS-2U60EL
部品情報  600W power supply for 2U Single Efficiency:87.45%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U60EL データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  SS-2U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PG
PH
4
3
2
1
PJ
4
3
2
1
PK
L=430mm±20mm
L=150mm±10mm
L=150mm±10mm
L=150mm ±10mm
22AWG 1007
L=430mm±20mm
L=150mm±10mm
L=150mm±10mm
4
3
2
1
4
3
2
1
4
3
2
1
4
3
2
1
PI
PG
PH
PI
PL
PN
4
3
2
1
L=430mm±20mm
L=150mm±10mm
L=150mm±10mm
4
3
2
1
4
3
2
1
4
3
2
1
PD
PE
PF
L=430mm±20mm
L=150mm±10mm
L=150mm±10mm
4
3
2
1
4
3
2
1
4
3
2
1
PA
PB
PC
PD
PE
PF
Connector HOUSING: AMP 171822-4 or equivalent
L=430mm±20mm
L=150mm
±10mm
PM
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
PO
4
3
2
1
5
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
4
3
1
2
Pin
No.
Pin
No.
LENGTH
Housing
150mm/18AWG
4
3
1
2
PA
PB
Yellow / Yellow
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
PC
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
4
3
1
2
Pin
No.
Pin
No.
Housing
150mm/18AWG
4
3
1
2
PJ
PK
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
PL
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/22AWG
4
3
1
2
PN
150mm/22AWG
150mm/22AWG
150mm/22AWG
150mm/18AWG
Connector Housing: H.D.D. for easy plug
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
Pin
No.
Housing
PM
WIRE
COLOR
HOUSING: MOLEX 675820000 or equivalent
TERMINAL: MOLEX 675810000 or equivalent
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
PO
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
1
2
3
4
5
1
2
3
4
5
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
Connector Housing: H.D.D. for easy plug
Yellow / Yellow
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
Yellow / Yellow
Black / Black
Black / Black
Red / Red
Red / Red
Yellow / Yellow
Orange
Black / Black
Black
Red
Orange / Orange
Black / Black
Black
Yellow
LENGTH
LENGTH
LENGTH
LENGTH
4
3
1
2
Pin
No.
Pin
No.
LENGTH
Housing
150mm/18AWG
4
3
1
2
Yellow / Yellow
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
Connector Housing: H.D.D. for easy plug
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
LENGTH
4
3
1
2
Pin
No.
Pin
No.
LENGTH
Housing
150mm/18AWG
4
3
1
2
Yellow / Yellow
150mm/18AWG
150mm/18AWG
WIRE
COLOR
WIRE
COLOR
150mm/18AWG
4
3
1
2
150mm/18AWG
150mm/18AWG
150mm/18AWG
150mm/18AWG
Connector Housing: H.D.D. for easy plug
430mm/18AWG
430mm/18AWG
430mm/18AWG
430mm/18AWG
Yellow / Yellow
Black / Black
Black / Black
Black / Black
Black / Black
Red / Red
Black
Yellow
Black
Red
Red / Red
LENGTH
Note: Specification and wiring diagram subject to change without notice.
Dec. 25, 2012


同様の部品番号 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

同様の説明 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U60EL ETC2-SS-1U60EL Datasheet
214Kb / 6P
   600W power supply for 1U Single Efficiency:87.71%
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com