データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U60EL データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SS-2U60EL
部品情報  600W power supply for 2U Single Efficiency:87.45%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U60EL データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-2U60EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U60EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURE STAR COMPUTER CO., LTD
NO.2-1,DAAN ROAD, SHULIN .DIST., NEW TAIPEI CITY 238 , TAIWAN.
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Model Name:SS-2U60EL
(600W power supply for 2U Single Efficiency:87.45%)
1. Specification
1.1.AC Input Voltage Range: 100VAC ~ 240VAC,
±10%, 47 to 63 Hz.
1.2.INPUT CURRENT:10 A ( RMS ) FOR 115VAC /5.0 A ( RMS ) FOR 230VAC.
1.3. Input Power Factor: The minimum power factor at full load shall be
0.98/115V 60 Hz and 0.95/230V 50 Hz.
1.4. Inrush current: 40A MAX. FOR 115 VAC / 60A MAX. FOR 230 VAC.
1.5.DC Output: 600W maximum
Output-1
Output-2
Output-3
Output-4
Output-5
Output Voltage
+5V DC
+12V DC
-12V DC +3.3V DC
+5VSB
Output Current(Max)
25A
48A
0.8A
25A
3.5A
Output Current(Min.)
0.5A
2A
0A
0.5A
0.1A
Ripple/Noise Max.(P-P):
60mv
120mv
120mv
60mv
60mV
Line Regulation:
±1﹪
±1﹪
±1﹪
±1﹪
±1﹪
Load Regulation:
±5﹪
±5﹪
±5﹪
±5﹪
±5﹪
Note:
1. Noise Test – Noise bandwidth is from DC to 20 MHz.
2. Ripple frequencies greater than 1MHz shall be attenuated by the measurement
System.


同様の部品番号 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

同様の説明 - SS-2U60EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-1U60EL ETC2-SS-1U60EL Datasheet
214Kb / 6P
   600W power supply for 1U Single Efficiency:87.71%
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
HEP-600 MEANWELL-HEP-600 Datasheet
107Kb / 4P
   600W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com