データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-2U70EL データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SS-2U70EL
部品情報  700W power supply for 2U Single Efficiency??6%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U70EL データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SS-2U70EL Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U70EL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7. DIMENSION
L 225 x W 100 x H 70 mm
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
± .1
± .05
± .025
.X=
.XX=
.XXX=
TOLEANCES:
JACKY
SURE STAR
COMPUTER
2009,9,25
SS-2UXXEL
(A)
(B)
SPPC T1.0 鍍鎳
SS-2U70EL
SS-2U60EL
8. PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 12 ,
Floppy x 1
SATA x 2.


同様の部品番号 - SS-2U70EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
More results

同様の説明 - SS-2U70EL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U50ES ETC2-SS-2U50ES Datasheet
225Kb / 6P
   500W power supply for 2U Single Efficiency:87.25%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
R2A-700D1V2 ETC2-R2A-700D1V2 Datasheet
321Kb / 12P
   700W700W Redundant Power Supply.
SS-1U46ES ETC2-SS-1U46ES Datasheet
201Kb / 6P
   460W power supply for 1U Single Efficiency??6%
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
logo
Advantech Co., Ltd.
PS8-700ATX-ZE ADVANTECH-PS8-700ATX-ZE Datasheet
1Mb / 1P
    80 Plus Bronze 700W PS/2 Single Power Supply
96PS-A400W2U ADVANTECH-96PS-A400W2U Datasheet
335Kb / 2P
   2U Power Supply
30-July-2014
96PS-A300W2U ADVANTECH-96PS-A300W2U Datasheet
300Kb / 2P
   2U Power Supply
29-July-2014
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com