データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-300R8P データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 SS-300R8P
部品情報  One of passive Back plane.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-300R8P データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  SS-300R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPEC SS-300R8P VA4 .doc
PAGE - 4 -
4. ENVIRONMENT TEMPERATURE
4.1 Operation Temperature: 0℃ to 40℃
4.2 Cooling: By forced air
4.3 Storage Temperature:-20℃ to 70℃
4.4 Humidity: 5 to 90﹪non-condensing.
5. RELIABILITY
5.1 MTBF OF POWER SUPPLY ELECTRONIS
100,000 hours at full load and 25℃ ambient temperature
5.2 LIFE EXPECTANCY OF FAN
40,000 hours at 40℃
6. AGENCY APPROVALS
CB、CE、TUV、UL、BSMI、CCC.
Please visit our website and get the latest safety certificate.
7. EMI /RFI
CB、CE、TUV、UL、BSMI、CCC、C-Tick..
Please visit our website and get the latest EMC certificate.
8. INSTRUCTIONS
The set still works properly even if either unit is removed. The removed unit can’t
be used in other machinery nor for other purpose. When one unit breaks down, it’s
LED will blink, buzzer will sound. Push the Reset button and buzzer will stop.
REDUNDANCY
Offer redundant function for power system and mutually backs
up the outputs. A zero transfer time when backup takes place.
HOT-SWAP
The power system provides a Hot-Swap function. This means
when either one of the redundant power supplies fails or breaks
down, you can easily replace failed unit without any interference
to the system.
BUZZER
A warning buzzer sounds when any one of the power supplies
fails. The warning buzzer is reset table from reset switch either
the one in front control panel or the one on the rear side.
LED’S
The warning LED’S can be found either on the rear side or the
control panel of the power system. Tells if one of the two power
supplies has failed, by LED blinking.
HOT-PLUGGABLE
The power system provides a Hot-Pluggable function
This method allows the power units in the Disk Array/
File Server to be removed or inserted very easily without


同様の部品番号 - SS-300R8P

メーカー部品番号データシート部品情報
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

同様の説明 - SS-300R8P

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
CUI INC
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
84Kb / 1P
   Back of Connector Housing
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
List of Unclassifed Man...
SS-400R8P ETC2-SS-400R8P Datasheet
357Kb / 7P
   One of exothermal enclosure.
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Delta Electronics, Inc.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624VHD-F00 DELTA-AFB0624VHD-F00 Datasheet
752Kb / 9P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com