データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-300R8P データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 SS-300R8P
部品情報  One of passive Back plane.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-300R8P データシート(HTML) 6 Page - List of Unclassifed Manufacturers

  SS-300R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC SS-300R8P VA4 .doc
PAGE - 6 -
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
ORANGE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
GRAY(PG)
PURPLE(+5VSB)
NC
BLUE(-12V)
YELLOW(+12V)
GREEN(PS-ON)
WIRE
COLOR
BLACK(GND)
470mm/18AWG
470mm/22AWG
470mm/18AWG
470mm/20AWG
470mm/20AWG
470mm/18AWG
LENGTH
LENGTH
Housing
470mm/18AWG
470mm/18AWG
ORANGE(+3.3V)
ORANGE(+3.3V)
ORANGE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
ORANGE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
SS-R8P Series
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2011,11,02
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
470mm/18AWG
01
COM
COM
BLACK
480mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P4
PIN8
PIN4
PIN1
PIN5
PIN4
PIN2
PIN1
PIN3
P8
P4
L=480mm±20mm
L=480mm±20mm
L=470mm±20mm
PIN13
PIN1
PIN12
PIN24
P24
Connector HOUSING: MOLEX 39-01-0280 or equivalent
8Pins(EPS12V)
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
480mm ±20mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P8


同様の部品番号 - SS-300R8P

メーカー部品番号データシート部品情報
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

同様の説明 - SS-300R8P

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
CUI INC
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
84Kb / 1P
   Back of Connector Housing
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
List of Unclassifed Man...
SS-400R8P ETC2-SS-400R8P Datasheet
357Kb / 7P
   One of exothermal enclosure.
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Delta Electronics, Inc.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624VHD-F00 DELTA-AFB0624VHD-F00 Datasheet
752Kb / 9P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com