データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-300R8P データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SS-300R8P
部品情報  One of passive Back plane.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-300R8P データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-300R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-300R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC SS-300R8P VA4 .doc
PAGE - 1 -
SURE STAR COMPUTER CO., LTD
No. 2-1, Daan Road, Shulin Dist., New Taipei City 238, Taiwan
E-mail: info@surestar.com.tw
Tel : +886 2 2682 2 505
http: //www.surestar.com.tw
Fax: +886 2 2682 2515
Mini Redundant PS II Power Supply
300W+300W for IPC-Computer
Model No. SS-300R8P
Version: vA4
Table of content
1. Introduction...........................................................................................2
2. Specification
2.1
Input Voltage...................................................................................2
2.2
DC Output.......................................................................................2
2.3
PS-ON (Remote ON/OFF)..............................................................3
2.4
PW-OK(power good signal)............................................................3
2.5
Efficiency........................................................................................3
2.6
Hold-Up Time.................................................................................3
3. PROTECTION
3.1
Over Voltage protection..................................................................3
3.2
Short Circuit Protection..................................................................3
3.3
Over Power Protection....................................................................3
3.4
No Load operation...........................................................................3
4. Environment Temperature....................................................................4
5. Reliability................................................................................................4
6. Agency approvals...................................................................................4
7. EMI/RFI...................................................................................................4
8. Instructions.............................................................................................4
9. HOT-SWAP Procedures.........................................................................5
10. Dimension................................................................................................5
11. PINOUTS of connectors........................................................................5
Color Reference for LED cable............................................................5
Main Power Connector..........................................................................5


同様の部品番号 - SS-300R8P

メーカー部品番号データシート部品情報
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

同様の説明 - SS-300R8P

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
   One- and two-channel passive isolators
logo
CUI INC
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
84Kb / 1P
   Back of Connector Housing
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
List of Unclassifed Man...
SS-400R8P ETC2-SS-400R8P Datasheet
357Kb / 7P
   One of exothermal enclosure.
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Delta Electronics, Inc.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624VHD-F00 DELTA-AFB0624VHD-F00 Datasheet
752Kb / 9P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com