データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-400R8P データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SS-400R8P
部品情報  One of exothermal enclosure.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-400R8P データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SS-400R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC SS-400R8P VA4 .doc
PAGE - 3 -
2.3 PS-ON
Remote On/Off Control:
When PS-ON is pulled to TTL Low, the DC output is to be enabled.
When PS-OFF is pulled to TTL high, the DC output is to be disabled.
2.4 PW-OK
PW-OK is power good signal and should be asserted high by the power
supply to indicate that +5VDC and +3.3VDC output are above the under
voltage thresholds of the power supply TTL. compatible signal out with
100ms to 500ms.
Timing of PS-ON, PW-OK, and Germane Voltage Rails
Although there is no requirement to meet specific timing parameters,
The following signal timings are recommended:
2ms≦T2≦200ms
100ms≦T3≦500ms
T4>1ms
T5≦10ms
2.5 Efficiency: ≧ 73﹪at full load. (Normal Line)
2.6 Hold-Up Time: 16ms at maximum load & normal input voltage.
3.PROTECTIONS
3.1 OVER-VOLTAGE PROTECTION
Standard on +5.0V output, set at 6.25VDC ± 075VDC.
3.2 SHORT CIRCUIT PROTECTION
A short circuit placed between the DC Return and the output shall cause
No damage and the power supply shall shutdown.
3.3 OVER POWER PROTECTION
The power supply shall shut down when output power exceeds 130﹪to 160﹪
of full load and require a power on cycle be performed by the operate
3.4 NO LOAD OPERATION
No parts shall be damaged on the power supply.


同様の部品番号 - SS-400R8P

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
   Back to back SCR module
More results

同様の説明 - SS-400R8P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
Guangdong Youtai Semico...
817B UMW-817B Datasheet
2Mb / 5P
   817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
STMicroelectronics
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
   One of the bigger challenges
logo
Xilinx, Inc
XC17S00 XILINX-XC17S00 Datasheet
110Kb / 9P
   Spartan Family of One-Time
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
   Distributes one clock input to one bank of ten outputs
logo
Pan Jit International I...
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
   Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
   Unidirectional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
   Unidirectional ESD protection of one line
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
   Bidirectional ESD protection of one line
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com