データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-400R8P データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 SS-400R8P
部品情報  One of exothermal enclosure.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-400R8P データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  SS-400R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPEC SS-400R8P VA4 .doc
PAGE - 5 -
9.HOT-SWAP PROCEDURES
Please refer to the followings when either one power supply unit is fount defective.
A) Locate the defective power supply by examining the individual LED on the
power unit or the LED on the front control panel if LED is Blinking.
B) Unlock & Remove the defective power supply unit.
C) Replace a new GOOD power supply unit, Insert the power supply into the
power system chassis in position & it will auto Lock-up.
D) Turn on the new power supply unit.
E) Check the module LED which indicate the power and LED of total power
system status, Both LED shall Have steady life.
10.DIMENSION
SS-XXXR8P
L 199 x W150 x H 86 mm
11.PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 , M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 7 , Floppy x 1.
* Color Reference for LED cable
POWER#1 LED Cable
Brown / with
POWER#2 LED Cable
Red / with
MAIN POWER LED Cable
Green / with


同様の部品番号 - SS-400R8P

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
   Back to back SCR module
More results

同様の説明 - SS-400R8P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
Guangdong Youtai Semico...
817B UMW-817B Datasheet
2Mb / 5P
   817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
STMicroelectronics
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
   One of the bigger challenges
logo
Xilinx, Inc
XC17S00 XILINX-XC17S00 Datasheet
110Kb / 9P
   Spartan Family of One-Time
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
   Distributes one clock input to one bank of ten outputs
logo
Pan Jit International I...
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
   Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
   Unidirectional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
   Unidirectional ESD protection of one line
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
   Bidirectional ESD protection of one line
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com