データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-400R8P データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SS-400R8P
部品情報  One of exothermal enclosure.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SS-400R8P データシート(HTML) 7 Page - List of Unclassifed Manufacturers

  SS-400R8P Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 6Page - List of Unclassifed Manufacturers SS-400R8P Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPEC SS-400R8P VA4 .doc
PAGE - 7 -
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2010,12,23
03
TC-XXXR8.R8A.R8P
HARNESS
PIN4
PIN3
PIN2
PIN1
P4H3
P4H4
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=480mm±15mm
HDD 4P-480L+ HDD 4P-150L
PIN4
PIN3
PIN2
PIN1
P4H1
P4H2
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=480mm±15mm
HDD 4P-480L+ HDD 4P-150L
PIN4
PIN3
PIN2
PIN1
P4H5
P4H6
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=480mm±15mm
HDD 4P-480L+ HDD 4P-150L
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
HDD 4P-480L+ FDD 4P-150L
L=150mm±15mm
P4F1
P4H7
L=480mm±15mm
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW):P4H1~P4H7
COM
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
Connector HOUSING: AMP 480424-0 or equivalent
P4H1
Housing
COM
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H2
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H5
COM
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H3
150mm ±15mm
480mm ±15mm
TERMINAL: AMP 170262-2 or equivalent
4Pins(FLOPPY DISK):P4F
Connector HOUSING: AMP 171822-4 or equivalent
18AWG
18AWG
18AWG
18AWG
COM
150mm ±15mm
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H4
18AWG
18AWG
18AWG
18AWG
P4H6
150mm ±15mm
22AWG
22AWG
22AWG
22AWG
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
18AWG
18AWG
18AWG
18AWG
480mm ±15mm
480mm ±15mm
P4F1
COM
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
COM
150mm ±15mm
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H7
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
480mm ±15mm
3
3
Note: Specification and wiring diagram subject to change without notice.


同様の部品番号 - SS-400R8P

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
   Back to back SCR module
More results

同様の説明 - SS-400R8P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
   ONE-OF-TEN DECODER
logo
Guangdong Youtai Semico...
817B UMW-817B Datasheet
2Mb / 5P
   817 photocoupler consist of one piece of GaAs emitter and one piece of NPN transistor
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
STMicroelectronics
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
   One of the bigger challenges
logo
Xilinx, Inc
XC17S00 XILINX-XC17S00 Datasheet
110Kb / 9P
   Spartan Family of One-Time
logo
Integrated Device Techn...
ICS2510C IDT-ICS2510C Datasheet
86Kb / 7P
   Distributes one clock input to one bank of ten outputs
logo
Pan Jit International I...
PJEC12VM1TA-AU PANJIT-PJEC12VM1TA-AU Datasheet
225Kb / 6P
   Bidirectional ESD protection of one line
logo
Guangdong Youtai Semico...
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
   Unidirectional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
   Unidirectional ESD protection of one line
logo
Pan Jit International I...
PJEC3V3M1FN2 PANJIT-PJEC3V3M1FN2 Datasheet
141Kb / 5P
   Bidirectional ESD protection of one line
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com