データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8706A データシート(PDF) 1 Page - Nippon Precision Circuits Inc

部品番号 SM8706A
部品情報  Clock Generator for DVD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8706A データシート(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8706A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8706A Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM8706A
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Clock Generator for DVD Players
OVERVIEW
The SM8706A is a clock generator IC that generates 3 clocks with 6 outputs from a 36.8640MHz master clock
for application in DVD players. The SM8706A has 2 built-in PLL circuits that together with a crystal oscillator
can generate the 384fs and 768fs audio system clocks, 27MHz and 54MHz video system clocks, and
16.9344MHz and 33.8688MHz signal processor system clocks required for a DVD player. The SM8706A also
supports the 44.1kHz and 48kHz sampling frequencies, and the sampling frequency can be switched while the
device is operating.
FEATURES
I
36.8640MHz master clock (internal PLL reference
clock)
I
Generated clocks
• Video system output: 27MHz, 54MHz
• Audio system output: 384fs, 768fs
• Signal processor system output: 16.9344MHz,
33.8688MHz
I
Supported sampling frequency fs: 44.1/48kHz
I
Low jitter output: 40ps (typ, 1-sigma, 25pF load)
I
Supply voltage: 3.3V
± 0.3V
I
16-pin VSOP package
APPLICATIONS
I
DVD players
I
DVD car navigation system
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.07g
Device
Package
SM8706AV
16-pin VSOP
1
9
16
8
VDD1
VSS1
MO1
MO2
VDD2
VSS2
XTI
CE
SO2
FSEL
SO1
VDD3
VSS3
AO2
XTO
AO1
5.1 0.2
0.5 0.2
0.275typ
0.65
0.10
0.12 M
0.15
+ 0.1
- 0.05
0.22
+ 0.1
- 0.05
0 to 10


同様の部品番号 - SM8706A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM8701 NPC-SM8701 Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
SM8703 NPC-SM8703 Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
More results

同様の説明 - SM8706A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com