データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TF252TH-4-TL-H データシート(PDF) 1 Page - ON Semiconductor

部品番号 TF252TH-4-TL-H
部品情報  N-Channel JFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF252TH-4-TL-H データシート(HTML) 1 Page - ON Semiconductor

  TF252TH-4-TL-H Datasheet HTML 1Page - ON Semiconductor TF252TH-4-TL-H Datasheet HTML 2Page - ON Semiconductor TF252TH-4-TL-H Datasheet HTML 3Page - ON Semiconductor TF252TH-4-TL-H Datasheet HTML 4Page - ON Semiconductor TF252TH-4-TL-H Datasheet HTML 5Page - ON Semiconductor TF252TH-4-TL-H Datasheet HTML 6Page - ON Semiconductor TF252TH-4-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
53012 TKIM/70407GB TI IM TC-00000796 No. A0842-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
TF252TH
N-Channel JFET
20V, 140 to 350μA, 1.4mS, VTFP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Ordering number : ENA0842A
Features
High gain : GV=1.0dB typ (VCC=2V, RL=2.2kΩ, Cin=5pF, VIN=10mV, f=1kHz)
Ultrasmall package facilitates miniaturization in end products
Best suited for use in electret condenser microphone for audio equipments and telephones
Excellent voltage characteristics
Excellent transient characteristics
Adoption of FBET process
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7031A-001
Product & Package Information
• Package
: VTFP
• JEITA, JEDEC
: SC-106A
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Drain
2 : Source
3 : Gate
VTFP
1
3
12
2
3
1.4
0.25
0.2
0.45
0.1
0 to 0.02
TL
TF252TH-4-TL-H
TF252TH-5-TL-H
1
3
2
D


同様の部品番号 - TF252TH-4-TL-H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
TF252TH-4-TL-H SANYO-TF252TH-4-TL-H Datasheet
440Kb / 7P
   Electret Condenser Microphone Applications
More results

同様の説明 - TF252TH-4-TL-H

メーカー部品番号データシート部品情報
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
LSJ204_SOT-23 MICROSS-LSJ204_SOT-23 Datasheet
277Kb / 1P
   N-CHANNEL JFET
LSJ212_TO-92 MICROSS-LSJ212_TO-92 Datasheet
278Kb / 1P
   N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
   N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
   N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
   N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
   N-CHANNEL JFET
LSU402_SOIC MICROSS-LSU402_SOIC Datasheet
294Kb / 1P
   N-CHANNEL JFET
LSU405_SOIC MICROSS-LSU405_SOIC Datasheet
282Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com