データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-650RVN2 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TC-650RVN2
部品情報  2U / 3U Redundant Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TC-650RVN2 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-650RVN2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2. GENERAL
This specification describes the performance characteristics of a 650watts hot swappable, 1+1
power system with +3.3V,+5V,+12V, -12V main DC outputs, and 5V standby outputs. The
system is configured to hold two identical 650W power supply modules, SURE STAR Model
TC-650RVN2.
3. ELECTRICAL PERFORMANCE
3.1. INPUT
3.1.1. AC input voltage range
90VAC ~ 264VAC
3.1.2. AC Input frequency
47 ~ 63Hz
3.1.3. Input waveform
The unit is capable of operating with 10% distorted sine wave input. It is measured
by a distortion analyzer. Its flat-topping clipped 10% from the peak value of standard
sine-wave.
3.1.4. Input current and inrush current
AC INPUT VOLTAGE
MAX.INPUT CURRENT
per power supply module
MAX INRUSH CURRENT
per power supply module
115Vrms
12Arms
60A pack
230Vrms
6Arms
120A pack
3.2. Input current harmonics
The input current drawn on the power line shall not exceed the limits set by IEC-61000-3-2.
3.3. Input power factor
The minimum power factor at full load shall be 0.98/115V 60 Hz and
0.96/230V 50 Hz.
3.4. Efficiency
76% Typical at full load


同様の部品番号 - TC-650RVN2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
   AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-601 ETC2-TC-601 Datasheet
98Kb / 1P
   LAMINATED TAPE
TC-691 ETC2-TC-691 Datasheet
98Kb / 1P
   LAMINATED TAPE
TC-695 ETC2-TC-695 Datasheet
98Kb / 1P
   LAMINATED TAPE
More results

同様の説明 - TC-650RVN2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com