データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-700RVN2 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 TC-700RVN2
部品情報  2U / 3U Redundant Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TC-700RVN2 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TC-700RVN2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-700RVN2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.7.2. Buzzer status
POWER SUPPLY CONDITION
Buzzer status
No AC power to all PSU
OFF
AC present/Only Standby Output On
OFF
Power supply DC outputs ON and OK
OFF
Power supply failure
Beeping
3.7.3. LED indicator status
3.7.4. TTL signal
POWER SUPPLY CONDITION
OUTPUT CONDITION
NORMAL
HIGH
FAILURE
LOW
3.8 Load sharing
3.8.1. Forced Load Sharing
The +3.3V, +5V and +12V outputs shall have forced load sharing. The corresponding output
shall share within 5% at full load when operated in a redundant 1+1 configuration. The 5VSB
and –12V outputs shall not have forced load sharing between power modules.
Example of load share accuracy:
Power supply #1 = 20A
Power supply #2 > 19A and < 21A
3.8.2. Load Sharing Signal
The power supplies load share shall use a single load share bus signal connected between
each corresponding output. If the load sharing is disabled by shorting the bus to ground, the
power system shall continue to operate within regulation limits for loads less than or equal to
the full load rating of each power supply. The failure of one power supply shall not effect the
output voltages of the other supply still operating.
POWER SUPPLY CONDITION
Power system
status
Per Power Module
status
LED COLOR
RED GREEN
ORANGE
No AC power to all PSU
OFF
OFF
OFF
AC present/Only Standby Output On
ON
OFF
OFF
Power supply DC outputs ON and OK OFF
ON
ON
Power supply failure
OFF
Blinking
OFF


同様の部品番号 - TC-700RVN2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-700PL ETC2-TC-700PL Datasheet
177Kb / 4P
   AC Input Voltage: 90~264V
More results

同様の説明 - TC-700RVN2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-650RVN2 ETC2-TC-650RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com