データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-2000RHN4 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TC-2000RHN4
部品情報  2000W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2000RHN4 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-2000RHN4 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-2000RHN4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2. GENERAL
This specification describes the performance characteristics of a 2000watts hot swappable, N+1
power system with +3.3V,+5V,+12V, -12V main DC outputs, and 5V standby outputs. The system
is configured to hold four identical 700W power supply modules, SURE STAR Model
TC-2000RHN4.
3. ELECTRICAL PERFORMANCE
3.1.INPUT
3.1.1. AC input voltage range
90VAC ~ 264VAC
3.1.2. AC Input frequency
47 ~ 63Hz
3.1.3. Input waveform
The unit is capable of operating with 10% distorted sine wave input. It is measured
by a distortion analyzer. Its flat-topping clipped 10% from the peak value of standard
sine-wave.
3.1.4. Input current and inrush current
AC INPUT VOLTAGE
MAX.INPUT CURRENT
per power supply module
MAX INRUSH CURRENT
per power supply module
115Vrms
12Arms
60A pack
230Vrms
6Arms
120A pack
3.2. Input current harmonics
The input current drawn on the power line shall not exceed the limits set by IEC-61000-3-2.
3.3. Input power factor
The minimum power factor at full load shall be 0.98/115V 60 Hz and
0.96/230V 50 Hz.
3.4. Efficiency
76% Typical at full load


同様の部品番号 - TC-2000RHN4

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
More results

同様の説明 - TC-2000RHN4

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
   2000W Redundant Power Supply
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
Mean Well Enterprises C...
RSP-2000_1112 MEANWELL-RSP-2000_1112 Datasheet
291Kb / 5P
   2000W Single Output Power Supply
RSP-2000 MEANWELL-RSP-2000 Datasheet
290Kb / 5P
   2000W Single Output Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com