データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-2000RVN4 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 TC-2000RVN4
部品情報  2000W Redundant Power Supply
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2000RVN4 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TC-2000RVN4 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-2000RVN4 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3.5.OUTPUT
3.5.1. Stand-by power
The system shall provide a standby output of 5V +/- 5% with a current sourcing capability of
3.0A. The ripple and noise of this output shall be less than 50mVp-p. The output shall be
active whenever AC power is applied to the unit. *PSON shall have no effect on this output.
3.5.2. Output current capacity
Each of the 1+1 redundant power supply module shall be capable of supplying the output
currents of as below subject to the listed conditions and a total output power of 700watts.
Due to the active current share, the actual maximum steady state current from each output
shall be about half of the maximum current specified.
OUTPUT CURRENT
REGULATION
OUTPUT
OUTPUT
VOLTAGE
TC-2000RVN4
Min.
Max.
LOAD
LINE
RIPPLE & NOISE max. (P-P)
+5V
4A
91A
±5%
±1%
50mV
+3.3V
4A
70A
±5%
±1%
50mV
+12V
6A
145A
±5%
±1%
70mV
-12V
0A
2A
±5%
±1%
70mV
+5SB
0.4A
3.5A
±5%
±1%
50mV
REMARKS:
1.Total Max output of +5V AND +3.3V not exceed 580W
2.Power module Total output power not exceed 2000W forTC-2000RVN4
3.Noise bandwidth is from DC to 20MHz.
3.5.3. Output voltage rise time
The rise time shall be less than 20 ms measured from 10% to 90%.
3.5.4. Output voltage hold up time
Upon loss of an ac input at any input voltage between 115/230V, the output
voltages of the system shall remain in regulation for at least 16 ms at full output
loads.


同様の部品番号 - TC-2000RVN4

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
   2000W Redundant Power Supply
More results

同様の説明 - TC-2000RVN4

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
   2000W Redundant Power Supply
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Adlink Technology Inc.
CPCIS-ET1100 ADLINK-CPCIS-ET1100 Datasheet
211Kb / 2P
   Redundant Power Supply
logo
Mean Well Enterprises C...
RSP-2000_1112 MEANWELL-RSP-2000_1112 Datasheet
291Kb / 5P
   2000W Single Output Power Supply
RSP-2000 MEANWELL-RSP-2000 Datasheet
290Kb / 5P
   2000W Single Output Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
List of Unclassifed Man...
TC-950RVN3 ETC2-TC-950RVN3 Datasheet
266Kb / 17P
   950W Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-1350RVN3 ETC2-TC-1350RVN3 Datasheet
265Kb / 17P
   1350W Redundant Power Supply
TC-1700RVN4 ETC2-TC-1700RVN4 Datasheet
282Kb / 17P
   1700W Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com