データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72722PMS データシート(PDF) 2 Page - ON Semiconductor

部品番号 LC72722PMS
部品情報  Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72722PMS データシート(HTML) 2 Page - ON Semiconductor

  LC72722PMS Datasheet HTML 1Page - ON Semiconductor LC72722PMS Datasheet HTML 2Page - ON Semiconductor LC72722PMS Datasheet HTML 3Page - ON Semiconductor LC72722PMS Datasheet HTML 4Page - ON Semiconductor LC72722PMS Datasheet HTML 5Page - ON Semiconductor LC72722PMS Datasheet HTML 6Page - ON Semiconductor LC72722PMS Datasheet HTML 7Page - ON Semiconductor LC72722PMS Datasheet HTML 8Page - ON Semiconductor LC72722PMS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LC72722PMS
No. A2156-2/18
Specifications
Absolute Maximum Ratings at Ta = 25
°C, Vssd = Vssa = 0V
Symbol
Pin Name
Ratings
Unit
Maximum supply voltage
Vddmax
Vddd, Vdda
-0.3 to +7.0
V
Maximum input voltage
Vin1max
CL, DI, CE, SYR, T1, T2, T3, T4, T5, T6, T7, SYNC
-0.3 to +7.0
V
Vin2max
XIN
-0.3 to Vddd+0.3
V
Vin3max
MPXIN, CIN
-0.3 to Vdda+0.3
V
Maximum output voltage
Vo1max
DO, SYNC, RDS-ID, T3, T4, T5, T6, T7
-0.3 to +7.0
V
Vo2max
XOUT
-0.3 to Vddd+0.3
V
Vo3max
FLOUT
-0.3 to Vdda+0.3
V
Maximum output current
Io1max
DO, T3, T4, T5, T6, T7
+6.0
mA
Io2max
XOUT, FLOUT
+3.0
mA
Io3max
SYNC, RDS-ID
+20.0
mA
Allowable power dissipation
Pdmax
(Ta
≤85°C)
175
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to 85
°C, Vssd = Vssa = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Supply voltage
Vdd1
Vddd, Vdda
4.5
5.0
5.5
V
Vdd2
Vddd
Serial data hold voltage
2.0
V
Input high-level
voltage
VIH
CL, DI, CE, SYR, T1, T2
0.7Vddd
6.5
V
Input low-level voltage
VIL
CL, DI, CE, SYR, T1, T2
0
0.3Vddd
V
Output voltage
VO
DO, SYNC, RDS-ID, T3,
T4, T5, T6, T7
6.5
V
Input amplitude
VIN1
MPXIN
f=57
±2kHz
50
mVrms
VIN2
100% modulation composite
100
mVrms
VXIN
XIN
400
1500
mVrms
Guaranteed crystal
Oscillator frequencies
XTAL
XIN, XOUT
CI
≤120Ω (XS=0)
4.332
MHz
CI
≤70Ω (XS=1)
8.664
MHz
Crystal oscillator
frequency
deviation
TXtal
XIN, XOUT
fo=4.332MHz, 8.664MHz
±100
ppm
Data setup time
tSU
DI, CL
0.75
μs
Data hold time
tHD
DI, CL
0.75
μs
Clock low level time
tCL
CL
0.75
μs
Clock high level time
tCH
CL
0.75
μs
CE wait time
tEL
CE, CL
0.75
μs
CE setup time
tES
CE, CL
0.75
μs
CE hold time
tEH
CE, CL
0.75
μs
CE high-level time
tCE
CE
20
ms
Data latch change
time
tLC
1.15
μs
Data output time
tDC
DO,CL
Differs depending on the value
of the pull-up resistor used.
0.46
μs
tDH
DO,CE
0.46
μs
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LC72722PMS

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

同様の説明 - LC72722PMS

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72722PMS SANYO-LC72722PMS Datasheet
167Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
logo
Hitachi Semiconductor
HA11235 HITACHI-HA11235 Datasheet
264Kb / 9P
   Synchronous Signal Processing System
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com