データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM308ADR2 データシート(PDF) 1 Page - ON Semiconductor

部品番号 LM308ADR2
部品情報  Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM308ADR2 データシート(HTML) 1 Page - ON Semiconductor

  LM308ADR2 Datasheet HTML 1Page - ON Semiconductor LM308ADR2 Datasheet HTML 2Page - ON Semiconductor LM308ADR2 Datasheet HTML 3Page - ON Semiconductor LM308ADR2 Datasheet HTML 4Page - ON Semiconductor LM308ADR2 Datasheet HTML 5Page - ON Semiconductor LM308ADR2 Datasheet HTML 6Page - ON Semiconductor LM308ADR2 Datasheet HTML 7Page - ON Semiconductor LM308ADR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. XXX
1
Publication Order Number:
LM308A/D
LM308A
Precision Operational
Amplifier
The LM308A operational amplifier provides high input impedance,
low input offset and temperature drift, and low noise. These
characteristics are made possible by use of a special Super Beta
processing technology. This amplifier is particularly useful for
applications where high accuracy and low drift performance are
essential. In addition high speed performance may be improved by
employing feedforward compensation techniques to maximize slew
rate without compromising other performance criteria.
The LM308A offers extremely low input offset voltage and drift
specifications allowing usage in even the most critical applications
without external offset nulling.
Operation from a Wide Range of Power Supply Voltages
Low Input Bias and Offset Currents
Low Input Offset Voltage and Guaranteed Offset Voltage Drift
Performance
High Input Impedance
R2
Frequency Compensation
Standard Compensation
Modified Compensation
R2
R1
R3
Compen A
Output
Compen B
Inverting
Input
Noninverting
Input
Cf ≥ 30
1
1 +
R2
R1
Cf
Standard Feedforward
Compensation
Feedforward Compensations for
Decoupling Load Capacitance
Input
10k
5.0pF
10
k
Output
CompenB
3.0k
10pF
CompenA
500pF
Input
500
10pF
C2*
Compen B
10pF
500pF
3.0k
CL
75pF
to
0.01
µF
*C2 >
5 x 105
pF
R1
R3
Compen B
Inverting
Input
Noninverting
Input
100pF
R2
RS > 10k
100k
0.01
µF
CompenA
+
+
+
+
Output
Device
Package
Shipping
ORDERING INFORMATION
LM308AN
PDIP−8
50 Units/Rail
LM308AD
SO−8
http://onsemi.com
98 Units/Rail
Compen A
Compen B
Inputs
Output
VCC
NC
VEE
(Top View)
1
2
3
4
8
7
6
5
PIN CONNECTIONS
+
PDIP−8
N SUFFIX
CASE 626
1
8
SO−8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
ALYWA
LM308
1
8
AWL
LM308AN
1
8
YYWW
A
= Assembly Location
WL, L = Wafer Lot
YY, Y = Year
WW, W = Work Week
LM308ADR2
SO−8
2500 Tape & Reel


同様の部品番号 - LM308ADR2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM308AD MOTOROLA-LM308AD Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
More results

同様の説明 - LM308ADR2

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com