データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10125 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC10125
部品情報  Quad MECL to TTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10125 データシート(HTML) 5 Page - ON Semiconductor

  MC10125 Datasheet HTML 1Page - ON Semiconductor MC10125 Datasheet HTML 2Page - ON Semiconductor MC10125 Datasheet HTML 3Page - ON Semiconductor MC10125 Datasheet HTML 4Page - ON Semiconductor MC10125 Datasheet HTML 5Page - ON Semiconductor MC10125 Datasheet HTML 6Page - ON Semiconductor MC10125 Datasheet HTML 7Page - ON Semiconductor MC10125 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10125
http://onsemi.com
5
50ohm termination to ground located
in each scope channel input.
All input and output cables to the
scope are equal lengths of 50ohm
coaxial cable. Wire length should be
< 1/4 inch from TPin to input pin and
TPout to output pin.
CL = 25 pF, including test fixture
One input from each gate must be tied to VBB
(Pin 1) during testing.
4
3
2
5
7
6
12
11
10
13
15
14
1
VBB
Vout
Coax
16
8
0.1 µF
-5.2 Vdc
VEE
0.1 µF
Pulse Generator
Coax
Vin
Input
VCC
+5.0 Vdc
Input Pulse
t+ = t- = 2.0 ±0.2 ns
(20 to 80%)
450
CL
0.1 µF
-1.69 Vdc
SWITCHING TIME TEST CIRCUIT


同様の部品番号 - MC10125

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
MC10125FN MOTOROLA-MC10125FN Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
MC10125L MOTOROLA-MC10125L Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
MC10125P MOTOROLA-MC10125P Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
More results

同様の説明 - MC10125

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com