データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB3231-E1 データシート(PDF) 8 Page - ON Semiconductor

部品番号 SB3231-E1
部品情報  Pre-configured DSP System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3231-E1 データシート(HTML) 8 Page - ON Semiconductor

Back Button SB3231-E1 Datasheet HTML 4Page - ON Semiconductor SB3231-E1 Datasheet HTML 5Page - ON Semiconductor SB3231-E1 Datasheet HTML 6Page - ON Semiconductor SB3231-E1 Datasheet HTML 7Page - ON Semiconductor SB3231-E1 Datasheet HTML 8Page - ON Semiconductor SB3231-E1 Datasheet HTML 9Page - ON Semiconductor SB3231-E1 Datasheet HTML 10Page - ON Semiconductor SB3231-E1 Datasheet HTML 11Page - ON Semiconductor SB3231-E1 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RHYTHM SB3231
www.onsemi.com
8
High level gain (HLGAIN)
Upper threshold (UTH)
Compression ratio (CR)
During the Parameter Map creation, constraints are
applied to the compression parameters to ensure that the I/O
characteristics are continuous. Parameter adjustments
support two popular styles of compression ratio adjustment:
The compression region of the I/O curve pivots about
the upper threshold. As the compression ratio trimmer
is adjusted, high−level gain remains constant while the
low−level gain changes.
The compression region of the I/O curve pivots about
the lower threshold. Low−level gain remains constant
as the compression ratio trimmer is adjusted.
The squelch region within each channel implements a low
level noise reduction scheme (1:3 expansion) for listener
comfort.
This
scheme
operates
in
quiet
listening
environments (programmable threshold) to reduce the gain
at very low levels.
Automatic Telecoil
The automatic telecoil feature in Rhythm SB3231 is to be
used with memory D programmed with the telecoil or
MIC + TCOIL front end configuration. The feature enables
the part to transition to memory D upon the closing of
a switch connected to MS2. With the feature enabled and
a reed switch connected to MS2, the static magnetic field of
a telephone handset will close the switch whenever the
handset is brought close to the device, causing the hybrid to
change to memory D. The part will transition back to the
initial memory once the switch is deemed opened after
proper debouncing.
A debounce algorithm with a programmable debounce
period is used to prevent needless switching in and out of
memory D due to physical switch bounces when MS2 is
configured for automatic telecoil. Upon detecting a close to
open switch transition, the debounce algorithm monitors the
switch status. The debounce algorithm switches the device
out of memory D only once the switch signal has been
continuously sampled open over the specified debounce
period.
Adaptive Feedback Canceller
The Adaptive Feedback Canceller (AFC) reduces
acoustic feedback by forming an estimate of the hearing aid
feedback signal and then subtracting this estimate from the
hearing aid input. The forward path of the hearing aid is not
affected. Unlike adaptive notch filter approaches, Rhythm
SB3231’s AFC does not reduce the hearing aid’s gain. The
AFC is based on a time−domain model of the feedback path.
The third−generation AFC (see Figure 6) allows for an
increase in the stable gain1 of the hearing instrument while
minimizing artefacts for music and tonal input signals. As
with previous products, the feedback canceller provides
completely automatic operation.
1. Added stable gain will vary based on hearing aid style and
acoustic setup. Please refer to the Adaptive Feedback
Cancellation Information note for more details.
Figure 6. Adaptive Feedback Canceller (AFC)
Block Diagram
G
Σ
H’
H
+
Feedback path
Estimated feedback
Feedback Path Measurement Tool
The Feedback Path Measurement Tool uses the onboard
feedback cancellation algorithm and noise generator to
measure the acoustic feedback path of the device. The noise
generator is used to create an acoustic output signal from the
hearing aid, some of which leaks back to the microphone via
the feedback path. The feedback canceller algorithm
automatically calculates the feedback path impulse response
by analyzing the input and output signals. Following
a suitable adaptation period, the feedback canceller
coefficients can be read out of the device and used as an
estimate of the feedback−path impulse response.
Adaptive Noise Reduction
The noise reduction algorithm is built upon a high
resolution 64−band filter bank (32 bands at 16 kHz
sampling) enabling precise removal of noise. The algorithm
monitors the signal and noise activities in these bands, and
imposes
a
carefully
calculated
attenuation
gain
independently in each of the 64 bands.
The noise reduction gain applied to a given band is
determined by a combination of three factors:
Signal−to−Noise Ratio (SNR)
Masking threshold
Dynamics of the SNR per band
The SNR in each band determines the maximum amount
of attenuation to be applied to the band − the poorer the SNR,
the greater the amount of attenuation. Simultaneously, in
each band, the masking threshold variations resulting from
the energy in other adjacent bands is taken into account.
Finally, the noise reduction gain is also adjusted to take
advantage of the natural masking of ‘noisy’ bands by speech
bands over time.
Based on this approach, only enough attenuation is
applied to bring the energy in each ‘noisy’ band to just below
the masking threshold. This prevents excessive amounts of
attenuation from being applied and thereby reduces
unwanted artifacts and audio distortion. The Noise


同様の部品番号 - SB3231-E1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results

同様の説明 - SB3231-E1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
GA3227 ONSEMI-GA3227 Datasheet
165Kb / 13P
   Pre-configured DSP System
January, 2015 ??Rev. 6
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com