データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4172XDWF16 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CS4172XDWF16
部品情報  Single Air-Core Gauge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4172XDWF16 データシート(HTML) 1 Page - ON Semiconductor

  CS4172XDWF16 Datasheet HTML 1Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 2Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 3Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 4Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 5Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 6Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 7Page - ON Semiconductor CS4172XDWF16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
s
Serial Input Bus
s
2MHz Operating
Frequency
s
Tangential Drive
Algorithm
s
80mA Drive Circuits
s
0.5° Accuracy (Typ.)
s
Power-On-Reset
s
Protection Features
Output Short Circuit
Overtemperature
Package Options
Single Air-Core Gauge Driver
CS4172
Description
Block Diagram
16 Lead PDIP
SIN-
SIN+
Gnd
VBB
Gnd
NC
SO
SI
VCC
COS+
COS-
CS
SCLK
OE
1
Gnd
ST
SIN-
SIN+
Gnd
VBB
Gnd
Gnd
SO
SI
VCC
COS+
COS-
CS
SCLK
OE
1
Gnd
ST
16 Lead SO Wide
Internally Fused Leads
December, 2001 - Rev. 3
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.cherry–semi.com
The CS4172 is a monolithic BiCMOS
integrated circuit used to translate a
digital 10-bit word from a micropro-
cessor/microcontroller to complemen-
tary DC outputs. The DC outputs
drive an air-core meter commonly
used in vehicle instrument panels. The
10 bits of data are used to linearly con-
trol the quadrature coils of the meter
directly with a 0.35° resolution and
±1.0° accuracy over the full 360° range
of the gauge. The interface from the
microcontroller is by a Serial Periph-
eral Interface (SPI) compatible serial
connection using up to a 2MHz shift
clock rate.
The digital code, which is directly pro-
portional to the desired gauge pointer
deflection, is shifted into a DAC and
multiplexer. These two blocks provide
a tangential conversion function to
change the digital data into the appro-
priate DC coil voltage for the angle
demanded. The tangential algorithm
creates approximately 40% more
torque in the meter movement than
does a sin-cos algorithm at 45°, 135°,
225°, and 315° angles. This increased
torque reduces the error due to pointer
droop at these critical angles.
Each output buffer is capable of sup-
plying up to 80mA per coil and are
controlled by a common enable pin.
When OE is low the output buffers are
turned off but the logic portion of the
chip remains powered and continues
to operate normally.
The Serial Gauge Driver is self-protect-
ed against output short circuit condi-
tions. The output drivers are disabled
anytime the on-chip protection circuit-
ry detects a short circuit condition. The
outputs remain off until a falling edge
is presented on CS. If the short circuit
is still present the output drivers auto-
matically disable themselves again. A
thermal protection circuit limits the
junction temperature to approximately
160°C for conditions of high supply
voltage and high ambient temperature.
The status pin (ST) reflects the state of
the outputs and is low whenever the
outputs are disabled.
Output
Amplifiers
Gnd
SCLK
SI
COS
COS
+
SIN
SIN
+
VBB
VCC
POR
Serial
to
Parallel
Shift
Register
POR
OC
7 Bit
DAC
SO
D0 – D6
VTOP
VVAR
MUX
OE
CS
VBAT
FAULT
Latch
LOGIC
ST
RS
S
D7 – D9


同様の部品番号 - CS4172XDWF16

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS4172XDWF16 CHERRY-CS4172XDWF16 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
More results

同様の説明 - CS4172XDWF16

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
ON Semiconductor
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
logo
Melexis Microelectronic...
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
logo
National Semiconductor ...
LM1819 NSC-LM1819 Datasheet
209Kb / 10P
   Air-Core Meter Driver
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com