データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11961V データシート(PDF) 1 Page - ON Semiconductor

部品番号 LB11961V
部品情報  Single-Phase Full-Wave
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11961V データシート(HTML) 1 Page - ON Semiconductor

  LB11961V Datasheet HTML 1Page - ON Semiconductor LB11961V Datasheet HTML 2Page - ON Semiconductor LB11961V Datasheet HTML 3Page - ON Semiconductor LB11961V Datasheet HTML 4Page - ON Semiconductor LB11961V Datasheet HTML 5Page - ON Semiconductor LB11961V Datasheet HTML 6Page - ON Semiconductor LB11961V Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
92111 SY 20110915-S00002/31407 TI PC 20070206-S0006 No.8794-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11961V
Overview
The LB11961V is a single-phase bipolar drive motor driver that easily implements direct PWM motor drive systems
with excellent efficiency. The LB11961V is optimal for fan motor drive in personal computer power supply systems
and CPU cooling fan systems.
Features
• Single-phase full-wave drive (16V, 1.0A transistors are built in)
• Built-in variable speed function controlled by a thermistor input
The LB11961V can implement quiet, low-vibration variable speed control using externally clocked high side
transistor direct PWM drive.
• Built-in regenerative diode (Di); only requires a minimal number of external components.
• Built-in HB
• Minimum speed setting pin (allows full-speed mode operation at startup)
• Operates in full-speed mode when the thermistor is removed.
• Built-in lock protection and automatic recovery circuits
• FG (speed detection) and RD (lock detection) outputs
• Built-in thermal shutdown circuit
Monolithic Digital IC
Single-Phase Full-Wave
Fan Motor Driver
Ordering number : EN8794B


同様の部品番号 - LB11961V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11961V SANYO-LB11961V Datasheet
110Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
More results

同様の説明 - LB11961V

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
   5V Single-phase Full wave
logo
ON Semiconductor
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
   Single-phase Full-wave Driver
May, 2013
logo
Motorola, Inc
MDA3500 MOTOROLA-MDA3500 Datasheet
489Kb / 4P
   SINGLE-PHASE FULL-WAVE BRIDGE
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
   5V Single-phase Full wave
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com