データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK984-190-E データシート(PDF) 9 Page - ON Semiconductor

部品番号 STK984-190-E
部品情報  Mini Buck Converter for RF Power Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK984-190-E データシート(HTML) 9 Page - ON Semiconductor

  STK984-190-E Datasheet HTML 1Page - ON Semiconductor STK984-190-E Datasheet HTML 2Page - ON Semiconductor STK984-190-E Datasheet HTML 3Page - ON Semiconductor STK984-190-E Datasheet HTML 4Page - ON Semiconductor STK984-190-E Datasheet HTML 5Page - ON Semiconductor STK984-190-E Datasheet HTML 6Page - ON Semiconductor STK984-190-E Datasheet HTML 7Page - ON Semiconductor STK984-190-E Datasheet HTML 8Page - ON Semiconductor STK984-190-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
STK984-190-E
www.onsemi.com
9
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States
and/or other countries. SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of
SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf . SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose,
nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including
without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can
and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers,
employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was
negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject toall
applicable copyright laws and is not for resale in any manner.
Electrostatic Discharge / ESD
Item
Condition
Value
HBM
100pF,1.5KΩ, 3time
±1000V
MM
200pF,0Ω, 1time
±200V
ORDERING INFORMATION
Device
Package
Shipping (Qty / Packing)
STK984-190-E
MODULE SPCM24 29.6x18.2 DIP S3
(Pb-Free)
TBD/Tube


同様の部品番号 - STK984-190-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK984-190-E ONSEMI-STK984-190-E Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results

同様の説明 - STK984-190-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
   Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
   3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com