データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK404-120N-E データシート(PDF) 2 Page - ON Semiconductor

部品番号 STK404-120N-E
部品情報  1ch class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK404-120N-E データシート(HTML) 2 Page - ON Semiconductor

  STK404-120N-E Datasheet HTML 1Page - ON Semiconductor STK404-120N-E Datasheet HTML 2Page - ON Semiconductor STK404-120N-E Datasheet HTML 3Page - ON Semiconductor STK404-120N-E Datasheet HTML 4Page - ON Semiconductor STK404-120N-E Datasheet HTML 5Page - ON Semiconductor STK404-120N-E Datasheet HTML 6Page - ON Semiconductor STK404-120N-E Datasheet HTML 7Page - ON Semiconductor STK404-120N-E Datasheet HTML 8Page - ON Semiconductor STK404-120N-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK404-120N-E
No.A2099-2/11
Operating Characteristics at Tc = 25
C, RL = 6 (Non-inductive load), Rg = 600, VG = 30dB
Parameter
Symbol
Conditions
Ratings
Unit
VCC
[V]
f
[Hz]
PO
[W]
THD
[%]
min
typ
max
Output power
PO 1
±41
20 to 20k
1.0
80
W
PO 2
±41
1k
10
120
Frequency characteristics
fL, fH
±41
1.0
+0 -3dB
20 to 20k
Hz
Input impedance
ri
±41
1k
1.0
55
k
Output noise voltage
*3
VNO
±49
Rg=10k
1.2
mVrms
Output neutral voltage
VN
±49
-100
0
+100
mV
Quiescent current
ICCO
±49
No load
60
mA
Thermal detector resistance *2
Rp
Tp=25
C, 1-4pin
470
Thermal detector
operate temperrature
*2
Tp
Rp=4.7k
, 1-4pin
135
C
[Note]
*1. All tests are measured using a constant-voltage supply unless otherwise specified.
*2. Thermal Detector temperature (+135°C±5°C) indicates the value at unusual operation, therefore, does not indicate
the guaranteed value at usual operation.
Thermal Detector is PRF18series (AS characteristic) manufactured by MURATA.
*3. The output noise voltage is peak value of an average-reading meter with a rms value scale (VTVM).
A regulated AC supply (50Hz) should be used to eliminate the effects of AC primary line flicker noise.
*4. Allowable time for load short-circuit and output noise voltage are measured using the specified transformer power
supply. About the load short circuit, it is designed assuming protecting by cut-off within 0.3 second.
*5. Weight of 1 HIC : 12.6g Outer carton dimensions (W×L×H) : 420mm×233mm×277mm
(Equivalent to MG-250)
+
+
10000
F
10000
F
500
500
DBA40C
+VCC
-VCC


同様の部品番号 - STK404-120N-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
More results

同様の説明 - STK404-120N-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com