データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3HW-NZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM3HW-NZ
部品情報  Input to Output Isolation of 1500VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3HW-NZ データシート(HTML) 2 Page - AIMTEC

  AM3HW-NZ Datasheet HTML 1Page - AIMTEC AM3HW-NZ Datasheet HTML 2Page - AIMTEC AM3HW-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM3HW-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
2 of 3
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Ripple & Noise*
20MHz Bandwidth, 5% to 100% load
120
mV p-p
Transient recovery time
25% load step change
300
500
µs
Transient recovery deviation
25% load step change
±3
±5
%
* 0-5% load up to 5% of Vout.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
350
KHz
Operating temperature
Derating above 71°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
105
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Black flame retardant heat proof plastic (UL94-V0)
Weight
3.5
g
Dimensions (L x W x H)
0.76 x 0.71 x 0.4 inches
19.20 x 18.10 x 10.16 mm
MTBF
>1,000,000 hours (MIL-HDBK -217F, Ground Benign, t=+25
o
C)
Maximum soldering temperature
Look at the SMD soldering profile: http://www.aimtec.com/rohs-soldering-profiles
Environment Specification
Test
Parameters
Conditions
Vibration
Test mode
10-55Hz
Acceleration
10g, 30min, every axis tested
Safety Specifications
Parameters
Standards
Meets IEC60950-1
Meet EN 55022, Class B, with external filter & EN 55024: 2010
IEC 61000-4-2, Contact ±4KV, Criteria B
IEC 61000-4-3, 10V/m, Criteria A
IEC 61000-4-4, ±2KV, Criteria B, with external filter
IEC 61000-4-5, ±2KV, Criteria B, with external filter
IEC 61000-4-6, 3Vrms, Criteria A
IEC 61000-4-29, 0-70%, Criteria B
Derating
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
71ºC


同様の部品番号 - AM3HW-NZ

メーカー部品番号データシート部品情報
logo
Altech corporation
AM3 ALTECH-AM3 Datasheet
325Kb / 1P
   30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
RAYEX ELECTRONICS CO., ...
AM3 RAYEX-AM3 Datasheet
437Kb / 2P
   AM3 SERIES
AM3-1A-12BNIL RAYEX-AM3-1A-12BNIL Datasheet
437Kb / 2P
   AM3 SERIES
AM3-1A-12BP RAYEX-AM3-1A-12BP Datasheet
437Kb / 2P
   AM3 SERIES
AM3-1A-12PNIL RAYEX-AM3-1A-12PNIL Datasheet
437Kb / 2P
   AM3 SERIES
More results

同様の説明 - AM3HW-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Solid State Optronic
SM6004 SSOUSA-SM6004 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SM6006 SSOUSA-SM6006 Datasheet
223Kb / 7P
   High Input-to-Output Isolation
SMA4131 SSOUSA-SMA4131 Datasheet
192Kb / 6P
   High Input-to-Output Isolation
SMA4240 SSOUSA-SMA4240 Datasheet
343Kb / 7P
   High Input-to-Output Isolation
logo
Pulse A Technitrol Comp...
PE-68386NLT PULSE-PE-68386NLT Datasheet
1Mb / 5P
   1500VDC isolation between Gate and Drive
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com