データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM30EW-2415S-NZ データシート(PDF) 5 Page - AIMTEC

部品番号 AM30EW-2415S-NZ
部品情報  Continuous Short Circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-2415S-NZ データシート(HTML) 5 Page - AIMTEC

  AM30EW-2415S-NZ Datasheet HTML 1Page - AIMTEC AM30EW-2415S-NZ Datasheet HTML 2Page - AIMTEC AM30EW-2415S-NZ Datasheet HTML 3Page - AIMTEC AM30EW-2415S-NZ Datasheet HTML 4Page - AIMTEC AM30EW-2415S-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM30EW-NZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
5 of 5
North America only
Derating
NOTE: With operations at 12V nominal input (9-18VDC) the
output power will be rated at 80% only.
EMC recommended filter
Model
MOV
C1
C2 & C3
C4
24 Vin
S14K35
330 µF /
50V
4.7 µF /
50V
220µF for 3.3, 5 & 9 V
output
100 µF for 12, 15 & 24 V
output
48 Vin
S14K60
330 µF /
100V
2.2 µF /
100V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
75
Ambient Temperature º C
Free Air Convection
65ºC with heat sink
55º C without heat sink
45
55
DC-DC Converter
+Vin
-Vin
+Vo
-Vo
C1
C4
LCM
1mH
C2
F1
MOV
C3
CY1
1nF/2KV
CY1
1nF/2KV


同様の部品番号 - AM30EW-2415S-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM30EW-2415SZ AIMTEC-AM30EW-2415SZ Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30EW-2415SZ AIMTEC-AM30EW-2415SZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
More results

同様の説明 - AM30EW-2415S-NZ

メーカー部品番号データシート部品情報
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30KW-I-Z AIMTEC-AM30KW-I-Z Datasheet
180Kb / 5P
   Continuous Short Circuit Protection
AME5-CJZ AIMTEC-AME5-CJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AMEL10-MJZ AIMTEC-AMEL10-MJZ Datasheet
170Kb / 3P
   Continuous Short Circuit Protection
logo
MORNSUN Science& Techno...
F0505XT-W2R2 MORNSUN-F0505XT-W2R2 Datasheet
1Mb / 4P
   Continuous short-circuit protection
logo
AIMTEC
AM1LR-NZ AIMTEC-AM1LR-NZ Datasheet
141Kb / 3P
   Continuous short circuit protection
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
logo
Recom International Pow...
REC30 RECOM-REC30 Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
logo
AIMTEC
AM6C-NZ AIMTEC-AM6C-NZ Datasheet
237Kb / 3P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com