データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM6T-4812S-NZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM6T-4812S-NZ
部品情報  Pin compatible with multiple manufacturers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6T-4812S-NZ データシート(HTML) 2 Page - AIMTEC

  AM6T-4812S-NZ Datasheet HTML 1Page - AIMTEC AM6T-4812S-NZ Datasheet HTML 2Page - AIMTEC AM6T-4812S-NZ Datasheet HTML 3Page - AIMTEC AM6T-4812S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM6T-NZ
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec
1500 , 3000
VDC
Resistance
500 Vdc
> 1000
MOhm
Capacitance
100kV / 0.1V
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy (single output)
5% to 100% Load
±1
%
Voltage accuracy (dual output)
Balanced Load
±0.5
%
Short Circuit protection
Continuous
Short circuit restart
Auto-recovery
Line voltage regulation
Full Load, low to high
±0.5
%
Load voltage regulation
5% to 100% Load
±0.5
%
Cross Regulation (dual)
Main 50% load,
Second 10 – 100% load
±5
%
Temperature coefficient
±0.03
%/
oC
Transient Recovery Time
25% load step
300
µsec
Transient Response Deviation
25% load step
±3
%
Ripple& Noise
80
mVp-p
Over Voltage Protection (1500 VDC
Isolation models only)
110 to 140
%Vout
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
Derating above +71
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
1500Vdc Isolation
Black Anodized Aluminum
3000Vdc Isolation
Plastic (UL94-V0)
Weight
13
g
Dimensions(L x W x H)
1500Vdc Isolation
3000Vdc Isolation
1.26 x 0.79 x 0.42 inches
32.00 x 20.00 x 10.80 mm
1.25 x 0.80 x 0.37 inches
31.80 x 20.30 x 9.50 mm
MTBF
>1 000000 hrs(MIL-HDBK -217F, Ground Benign, t=+25
oC)
Safety Specifications
Parameters
Agency approvals
CE
Standards
Information technology Equipment
EN60950-1
EMI - Conducted and radiated emission
55022 Class A (No external Circuit required)
Pin Out Specifications
Pin
1500VDC
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
No pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input


同様の部品番号 - AM6T-4812S-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM6T-4812S-N AIMTEC-AM6T-4812S-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
More results

同様の説明 - AM6T-4812S-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
AM2DS-NZ AIMTEC-AM2DS-NZ Datasheet
193Kb / 5P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LTC4245 LINER-LTC4245 Datasheet
431Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
LTC4245 LINER-LTC4245_15 Datasheet
437Kb / 36P
   Multiple Supply Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com