データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM30K-4803SIZ データシート(PDF) 3 Page - AIMTEC

部品番号 AM30K-4803SIZ
部品情報  Power modules for PCB mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-4803SIZ データシート(HTML) 3 Page - AIMTEC

  AM30K-4803SIZ Datasheet HTML 1Page - AIMTEC AM30K-4803SIZ Datasheet HTML 2Page - AIMTEC AM30K-4803SIZ Datasheet HTML 3Page - AIMTEC AM30K-4803SIZ Datasheet HTML 4Page - AIMTEC AM30K-4803SIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM30K-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.F
3 of 5
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper with non conductive base. Six Sided Shielded
Weight
50
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.60 x 0.40 inches
50.80 x 40.60x 10.16 mm
MTBF
> 550 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Soldering Temperature
1.5 mm from case for 10 sec
260
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022, EN 55024 class A
Pin Out Specifications
Dimensions
Pin
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
On/OFF Control
On/OFF Control
4
No pin
+V Output
5
+V Output
Common
6
-V Output
-V Output
7
Trim
Trim
1
2
3
4
5
6
7
Bottom View
50.80
(2.00)
Ø 1.00
(0.04)
Printed Face
2.54
(0.10)
45.72
(1.80)
Case Tolerance ±0.50 (±0.02)
Pin Pitch Tolerance ±0.35 (±0.014)
Dimensions mm (inch)


同様の部品番号 - AM30K-4803SIZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM30K-4803SIZ AIMTEC-AM30K-4803SIZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30K-4803SIZ AIMTEC-AM30K-4803SIZ Datasheet
328Kb / 5P
   30 Watt | DC-DC Converter
More results

同様の説明 - AM30K-4803SIZ

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
MSC-E1 ARCH-MSC-E1_16 Datasheet
245Kb / 3P
   Switching Power Modules for PCB Mounting
MTC-E1 ARCH-MTC-E1_16 Datasheet
267Kb / 3P
   Switching Power Modules for PCB Mounting
MSC ARCH-MSC_16 Datasheet
245Kb / 3P
   Switching Power Modules for PCB Mounting
MSC60 ARCH-MSC60_16 Datasheet
150Kb / 3P
   Switching Power Modules for PCB Mounting
MTC-E1_SERIES ARCH-MTC-E1_SERIES Datasheet
250Kb / 3P
   Switching Power Modules for PCB Mounting
MSC-E1_SERIES ARCH-MSC-E1_SERIES Datasheet
257Kb / 3P
   Switching Power Modules for PCB Mounting
MTC ARCH-MTC_16 Datasheet
241Kb / 3P
   Switching Power Modules for PCB Mounting
MSC60 ARCH-MSC60 Datasheet
248Kb / 4P
   Switching Power Modules for PCB Mounting
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
   Mounting Boards for Input/Output Modules
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
   Mounting Boards for Input/Output Modules
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com