データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5759 データシート(PDF) 3 Page - ON Semiconductor

部品番号 LA5759
部品情報  Separately-excited Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5759 データシート(HTML) 3 Page - ON Semiconductor

  LA5759 Datasheet HTML 1Page - ON Semiconductor LA5759 Datasheet HTML 2Page - ON Semiconductor LA5759 Datasheet HTML 3Page - ON Semiconductor LA5759 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA5759
No.A1683-3/4
Block Diagram
2SWOUT
DRIVE
OCP
RESET
OSC
Comp.
Reg.
Amp.
TSD
4VOS
VREF
0.4V
ON/OFF Comp.
1
VIN
5
SS
3
GND
Constnt
Current
Circuit
Application Circuit Example
VIN
SWOUT
VOS
GND
SS
L1
C1
C2
D1
LA5759
C3
R2
R1
Notes: C3 is for the soft start function. Delete C3 and keep the SS pin open when the soft function is not necessary.
Description of Functional Settings
1. Calculation equation to set the output voltage
This IC controls the switching output so that the VOS pin voltage becomes 1.26V (typ).
The equation to set the output voltage is as follows:
VO = 1+
× 1.26V(typ)
R2
R1
The VOS pin has the inrush current of 1μA (typ). Therefore, the error becomes larger when R1 and R2 resistance
values are large.


同様の部品番号 - LA5759

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results

同様の説明 - LA5759

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com