データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11852RV データシート(PDF) 3 Page - ON Semiconductor

部品番号 LB11852RV
部品情報  Single-phase Full-wave Pre-driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11852RV データシート(HTML) 3 Page - ON Semiconductor

  LB11852RV Datasheet HTML 1Page - ON Semiconductor LB11852RV Datasheet HTML 2Page - ON Semiconductor LB11852RV Datasheet HTML 3Page - ON Semiconductor LB11852RV Datasheet HTML 4Page - ON Semiconductor LB11852RV Datasheet HTML 5Page - ON Semiconductor LB11852RV Datasheet HTML 6Page - ON Semiconductor LB11852RV Datasheet HTML 7Page - ON Semiconductor LB11852RV Datasheet HTML 8Page - ON Semiconductor LB11852RV Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LB11852RV
No.A2133-3/12
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RD output L voltage
VRDL
IRD = 5mA
0.15
0.30
V
RD pin leak current
IRDL
VRD = 19V
30
μA
EO pin output H voltage
VEOH
IEO1 = -0.2mA
VREG-1.2
VREG-0.8
V
EO pin output L voltage
VEOL
IEO1 = 0.2mA
0.8
1.1
V
RC pin output H voltage
VRCH
3.2
3.45
3.7
V
RC pin output L voltage
VRCL
0.7
0.8
1.05
V
RC pin clamp voltage
VRCCLP
1.3
1.5
1.7
V
CTL pin input H voltage
VCTLH
2.0
VREG
V
CTL pin input L voltage
VCTLL
0
1.0
V
CTL pin input open voltage
VCTLO
VREG-0.5
VREG
V
CTL pin H input H current
ICTLH
VCTLIN = 5VREG
-10
0
10
μA
CTL pin L input L current
ICTLL
VCTLIN = 0V
-120
-90
μA
C pin output H voltage
VCH
VREG-0.3
VREG-0.1
V
C pin output L voltage
VCL
1.8
2.0
2.2
V
LIM pin input bias current
IBLIM
-1
1
μA
LIM pin common phase input voltage
range
VILIM
2.0
VREG
V
SOFT pin charge current
ICSOFT
1.0
1.3
1.6
μA
SOFT pin operating voltage range
VISOFT
2.0
VREG
V
Package Dimensions
unit : mm (typ)
3360
SANYO : SSOP20J(225mil)
5.2
0.22
0.15
0.5
(0.35)
12
20
Pd max -- Ta
Ambient temperature, Ta – °C
0
0.8
0.6
0.4
0.2
1.0
– 30
90
30
60
0120
0.80
0.30
0.35
0.13
When mounted on the thermal
resistance evaluation board
Independent IC


同様の部品番号 - LB11852RV

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-E ONSEMI-LB11852FV-MPB-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-H ONSEMI-LB11852FV-MPB-H Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-TLM-E ONSEMI-LB11852FV-TLM-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
More results

同様の説明 - LB11852RV

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11964FA ONSEMI-LB11964FA Datasheet
222Kb / 5P
   Single-phase Full-wave Pre-driver
May, 2013
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Rohm
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
ON Semiconductor
LB11660FV ONSEMI-LB11660FV Datasheet
129Kb / 10P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com