データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC703200AW データシート(PDF) 6 Page - ON Semiconductor

部品番号 LC703200AW
部品情報  Speech Processing IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC703200AW データシート(HTML) 6 Page - ON Semiconductor

Back Button LC703200AW Datasheet HTML 2Page - ON Semiconductor LC703200AW Datasheet HTML 3Page - ON Semiconductor LC703200AW Datasheet HTML 4Page - ON Semiconductor LC703200AW Datasheet HTML 5Page - ON Semiconductor LC703200AW Datasheet HTML 6Page - ON Semiconductor LC703200AW Datasheet HTML 7Page - ON Semiconductor LC703200AW Datasheet HTML 8Page - ON Semiconductor LC703200AW Datasheet HTML 9Page - ON Semiconductor LC703200AW Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LC703200AW
No.A2234-6/20
Electrical Characteristics
(1) Absolute Maximum Ratings
Table.2
Absolute Maximum Ratings
VSS = AVSS = XVSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Supply Voltage
VDD33max
DVDD33
0.3 to +3.96
V
VDD15max
DVDD15
0.3 to +1.8
XVDD33max
XVDD
0.3 to +3.96
AVDD33max
AVDD
0.3 to +3.96
AVDD15max
PLLAVDD
0.3 to +1.8
Input Voltage
VI
3.3V Digital I/O
0.3 to DVDD33+0.3
VIA
3.3V Analog input
0.3 to AVDD33+0.3
Output Voltage
VO
3.3V Digital I/O
0.3 to DVDD33+0.3
VOA1
3.3V Analog output
0.3 to AVDD+0.3
VOA2
1.5V Analog output
0.3 to PLLAVDD+0.3
Allowable power dissipation
Pdmax
SQFP64 (10x10)
Ta =
30°C to +70°C
260
mW
Operating Ambient Temperature
Topr
30 to +70
°C
Storage Ambient Temperature
Tstg
55 to +125
°C
(2) Allowable Operating Range
Table.3
Allowable Operating Range
Ta =
30°C to +70°C, VSS = AVSS = XVSS = 0V
Parameter
Symbol
Pins
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD33
DVDD33
3.0
3.3
3.6
V
VDD15
DVDD15
1.35
1.5
1.65
XVDD33
XVDD
3.0
3.3
3.6
AVDD33
AVDD
3.0
3.3
3.6
AVDD15
PLLAVDD
1.35
1.5
1.65
Input Voltage
VI33
TEST,MODE0-1,
RESETB,PDNB,INT0,INTB1,
GPIO0-20,
SCL,SDA,
JTAG_TCK,JTAG_TSM,JTAG_TDI
0
-
VDD33
VIA33
MIC0IN,MIC1IN,
MIC0COM,MIC1COM
0
-
AVDD33
VIX33
XIN
0
-
XVDD33
Oscillation
Frequency
Fopr
XIN,XOUT
8.192
11.2896
12.288
MHz
*) The following relations must be satisfied during power on and power off sequence.
AVDD33
 XVDD33  VDD33  AVDD15  VDD15
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


同様の部品番号 - LC703200AW

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LC70 MICROSEMI-LC70 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC70 MICROSEMI-LC70 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC70 MICROSEMI-LC70 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC70 NJSEMI-LC70 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC700 ETC-LC700 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
More results

同様の説明 - LC703200AW

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
   Digital signal processing IC for speech and audio applications
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
   DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
   Digital signal processing IC for speech and audio applications
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
   Synchronizing signal processing IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
logo
NXP Semiconductors
PCF5083 PHILIPS-PCF5083 Datasheet
602Kb / 136P
   GSM signal processing IC
1996 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com